Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4357CDCB-TRMPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4357CDCB-TRMPBF
Description  Positive High Voltage Ideal Diode Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4357CDCB-TRMPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4357CDCB-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 9Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 10Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 11Page - Linear Technology LTC4357CDCB-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC4357
11
4357fb
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660 Rev F)
DCB Package
6-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1715 Rev A)
3.00 0.10
(2 SIDES)
2.00 0.10
(2 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (TBD)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
0.10
BOTTOM VIEW—EXPOSED PAD
1.65
0.10
(2 SIDES)
0.75 0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 0.10
(2 SIDES)
1
3
6
4
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB6) DFN 0405
0.25
0.05
0.50 BSC
PIN 1 NOTCH
R0.20 OR 0.25
45 CHAMFER
0.25
0.05
1.35 0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 0.05
(2 SIDES)
2.15 0.05
0.70 0.05
3.55 0.05
PACKAGE
OUTLINE
0.50 BSC
MSOP (MS8) 0307 REV F
0.53
0.152
(.021
.006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.1016
0.0508
(.004
.002)
0.86
(.034)
REF
0.65
(.0256)
BSC
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90
0.152
(.193
.006)
8
7 6 5
3.00
0.102
(.118
.004)
(NOTE 3)
3.00
0.102
(.118
.004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
0.127
(.035
.005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
0.038
(.0165
.0015)
TYP
0.65
(.0256)
BSC


Similar Part No. - LTC4357CDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4357 LINER-LTC4357 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4357 LINER-LTC4357 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4357 AD-LTC4357 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
More results

Similar Description - LTC4357CDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352 Datasheet
199Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
   Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
   Ideal Diode NMOS Controller
October, 2021 - Rev. 2
logo
Linear Technology
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
   Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
   PoE Ideal Diode Bridge Controller
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com