Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4355IDE-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4355IDE-PBF
Description  Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4355IDE-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4355IDE-PBF Datasheet HTML 6Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 7Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 8Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 9Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 10Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 11Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 12Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 13Page - Linear Technology LTC4355IDE-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4355
0
4355fa
applicaTions inForMaTion
AdjustR2downby1%to344k
Wtoaccountforitstolerance.
The next lower standard resistor value is R2 = 340k
W.
The LED D1, a Panasonic Green LN1351C, requires at
least 1mA of current to fully turn on. Therefore, R5 is set
to 33k
W to accommodate the lowest input supply voltage
of 36V.
Layout Considerations
The following advice should be considered when laying
out a printed circuit board for the LTC4355.
The inputs to the servo amplifiers, IN1, IN2, and OUT
should be connected as closely as possible to the
MOSFETs’ terminals for good accuracy.
Keep the traces to the MOSFETs wide and short. The PCB
traces associated with the power path through the MOS-
FETs should have low resistance (see Figure 2).
For the DFN package, pin spacing may be a concern at
voltages greater then 30V. Check creepage and clearance
guidelines to determine if this is an issue. Use no-clean
solder to minimize PCB contamination.
Figure 2. Layout Considerations
S
S
S
G
D
D
D
D
D
D
D
D
G
S
S
S
LTC4355
FET
FET


Similar Part No. - LTC4355IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355IDE LINER-LTC4355IDE Datasheet
255Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355IDEPBF LINER-LTC4355IDEPBF Datasheet
255Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355IDETRPBF LINER-LTC4355IDETRPBF Datasheet
255Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
More results

Similar Description - LTC4355IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4355 LINER-LTC4355_15 Datasheet
234Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4355 LINER-LTC4355_1 Datasheet
255Kb / 20P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
   Positive High Voltage Ideal Diode Controller
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
   Positive High Voltage Ideal Diode Controller
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC4371 LINER-LTC4371 Datasheet
412Kb / 22P
   Dual Negative Voltage Ideal Diode-OR Controller and Monitor
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
   Voltage Monitors with Manual Reset Input
logo
Murata Power Solutions ...
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com