Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4311ISC6-TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4311ISC6-TRMPBF
Description  Low Voltage I2C/SMBus Accelerator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311ISC6-TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4311ISC6-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 9Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 10Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 11Page - Linear Technology LTC4311ISC6-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4311
9
4311fa
APPLICATIONS INFORMATION
This is the lowest resistor value that may be chosen and
still meet VOL. Next calculate the largest value of RP that
will satisfy SR, the minimum slew rate requirement. Us-
ing VOL = 0.4V and SR = 0.5V/μs calculate the value of
RP with equation 2.
R
P =
3.3V
−0.4V
600pF
•0.5V / µs
R
P = 9.667k
(11)
This is approximately the largest value of RP that will satisfy
the minimum slew rate requirement. Since RP is larger
than 2.175k the VOL will be below 0.4V, and the slew rate
will actually be faster than calculated. Choosing RP = 10k ,
VOL and SR are recalculated.
V
OL =
300
Ω•3.3V
300
Ω+10kΩ
=96mV
SR
=
3.3V – 96mV
10k
Ω•600pF
=0.534V / µs
(12)
The rise and fall times need to be verified using equations
3 and 4.
t
r = –10kΩ• 600pF •
In
2.31V – 3.3V – 10k
Ω • 2.5mA
0.99V – 3.3V – 10k
Ω • 2.5mA
= 0.297µs
(13)
t
f = 291Ω• 600pF •
In
2.31
3.3V
•(10kΩ+ 300Ω)– 300Ω
0.99V
3.3V
•(10kΩ+ 300Ω)– 300Ω
= 0.158µs
(14)
Both the rise and fall times meet the 0.3μs I2C requirement
and the VOL is satisfied, while meeting the minimum slew
rate requirement, so RP is chosen to be 10k.
If tr is not met, RP should be decreased and if tf is not met
then RP should be increased.
SMBus Design Example
Given the following conditions and requirements for a low
power SMBus system:
V
CC = 3.3V NOMINAL
V
OL = 0.4V MAXIMUM
C
BUS = 400pF
V
ILMAX = 0.8V, VIHMIN = 2.1V
t
r = 1µs MAXIMUM, t f = 0.3µs MAXIMUM
(15)
If an RS of 100Ω is used and the max RON of the driver is
200Ω, then RL = 200Ω + 100Ω = 300Ω. Use equation 1
to find the required RP to meet VOL.
R
P =
300
Ω•(3.3V –0.4V)
0.4V
R
P = 2.175k
(16)
Calculate Maximum RP from equation 2.
R
P =
3.3V – 0.4V
400pF
•0.5V / µs
R
P = 14.5k
(17)
Choose RP = 13k and recalculate VOL and SR.
V
OL =
300
Ω•3.3V
300
Ω+ 13kΩ
= 74mV
SR
=
3.3V – 74mV
13k
Ω• 400pF
= 0.62V / µs
(18)
The rise and fall times need to be verified using equations
5 to 8.
t
1 = –13kΩ• 400pF •
ln
0.9V–3.3V
0.8V–0.15V–3.3V
= 0.515µs
(19)


Similar Part No. - LTC4311ISC6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
More results

Similar Description - LTC4311ISC6-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
   SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
   SMBus/I2C Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
   SMBus/IC Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694 Datasheet
247Kb / 7P
   SMBus Accelerator (SMA)
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com