Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4311CDC-TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4311CDC-TRMPBF
Description  Low Voltage I2C/SMBus Accelerator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311CDC-TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4311CDC-TRMPBF Datasheet HTML 4Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 5Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 6Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 7Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 8Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 9Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 10Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 11Page - Linear Technology LTC4311CDC-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC4311
10
4311fa
APPLICATIONS INFORMATION
t
2 = –13kΩ• 400pF •
In
2.1V
+ 0.15V – 3.3V – 13kΩ•2.5mA
0.9V – 3.3V – 13k
Ω•2.5mA
= 0.205µs
(20)
t
r = t1 + t2 = 0.515µs + 0.205µs = 0.72µs
(21)
t
f = 293Ω• 400pF •
In
2.1V
+ 0.15V
3.3V
• (13k
Ω+ 300Ω)– 300Ω
0.8V – 0.15V
3.3V
• (13k
Ω+ 300Ω)– 300Ω
= 0.156µs
(22)
The rise time meets the 1μs SMBus requirement and the
fall time meets the 0.3μs requirement. The VOL is satisfied
while meeting the minimum slew rate requirements, so RP
is chosen to be 13kΩ. If the rise time was not met due to
a large t1, equation 6 can be used to calculate a maximum
value of RP that will meet the rise time requirements.
ACK Data Setup Time
Care must be taken in selecting the value of RS (in series
with the pull-down driver) to ensure that the data setup
time requirement for ACK (acknowledge) is fulfilled. An
acknowledge is the host releasing the SDA line (pulling
high) at the end of the last bit sent and the slave device
pulling the SDA line low before the rising edge of the ACK
clock pulse.
The LTC4311 5mA pull-up current is activated when the
host releases the SDA line, allowing the voltage to rise
above the LTC4311’s comparator threshold (VTHR). If
a slave device has a high value of RS, a longer time is
required for the slave device to pull SDA low before the
rising edge of the ACK clock pulse. To ensure sufficient
data setup time for ACK, slave devices with high values
of RS should pull the SDA low earlier.
An alternative is the slave device can hold the SCL line low
until the SDA line reaches a stable state. Then, SCL can
be released to generate the ACK clock pulse.
Multiple LTC4311s in Parallel
In very heavily loaded systems, stronger pull up current
may be desired. Two LTC4311’s may be used in parallel
to increase the total pull up current to meet rise time
requirements.
Notes on Using the LTC4311 in LTC1694 Applications
Although the LTC1694 and LTC4311 are functionally similar
accelerators for I2C, SMBus, and other comparable open
drain/collector bus applications, the LTC4311 offers a lower
power, higher performance solution in a smaller package
as compared to the LTC1694. These and other differences
are listed in Table 1 and must be accounted for if using
the LTC4311 in LTC1694 applications.
Table 1. Differences Between LTC1694 and LTC4311
SPECIFICATION
LTC1694
LTC4311
COMMENTS
Enable Pin (typ)
N/A
1V
Allows the LTC4311 to be Disabled, Consuming Less than 5μA
VCC
2.7V – 6V
1.6V – 5.5V
Lower Operating Supply Voltage for Low Voltage Systems
ICC (typ), BUS1, BUS2 High
60μA
26μA
Lower Standby Current to Conserve Power
VTHRES (typ)
0.65V
Dependent on VCC
Tighter, Higher Noise Margins and Improved Rise Times
IPULL-UP (typ)
2.2mA
5mA
Stronger Slew-Limited Source Current for Slewing Higher Bus Capacitances
fMAX
100kHz
400kHz
Higher Operating Frequency for I2C’s Fast Mode Bus Specification


Similar Part No. - LTC4311CDC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
More results

Similar Description - LTC4311CDC-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
   SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
   SMBus/I2C Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
   SMBus/IC Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694 Datasheet
247Kb / 7P
   SMBus Accelerator (SMA)
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com