Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4311 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4311
Description  Low Voltage I2C/SMBus Accelerator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311 Datasheet(HTML) 5 Page - Linear Technology

  LTC4311 Datasheet HTML 1Page - Linear Technology LTC4311 Datasheet HTML 2Page - Linear Technology LTC4311 Datasheet HTML 3Page - Linear Technology LTC4311 Datasheet HTML 4Page - Linear Technology LTC4311 Datasheet HTML 5Page - Linear Technology LTC4311 Datasheet HTML 6Page - Linear Technology LTC4311 Datasheet HTML 7Page - Linear Technology LTC4311 Datasheet HTML 8Page - Linear Technology LTC4311 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4311
5
4311fa
PIN FUNCTIONS
BUS1: Active Pull-up for Bus. Connect to either clock line
or data line for 2-wire bus.
BUS2: Active Pull-up for Bus. Connect to either clock line
or data line for 2-wire bus.
ENABLE: Device Enable Input. This is a 1V nominal digital
threshold input pin. For normal operation drive ENABLE
to a voltage greater than 1.5V. Driving ENABLE below the
0.4V threshold puts the device in a low (<5μA) current
shutdown mode and puts the BUS pins in a high imped-
ance state. If unused, connect to VCC.
EXPOSED PAD (DFN Package Only): Exposed Pad may
be left open or connected to device ground.
GND: Device Ground. Connect this pin to a ground plane
for best results.
VCC: Supply Voltage Input. Connect this pin to bus supply
and place a bypass capacitor of at least 0.01μF close to
VCC for best results.
BLOCK DIAGRAM
+
+
+
+
+
VTHR
SLEW RATE
DETECTOR
CONTROL
LOGIC AND
INTERNAL SLEW
COMPARATOR
VTHR
VCC – 0.4
VCC – 0.4
1V
SLEW RATE
DETECTOR
5mA
BUS1
VCC
GND
BUS2
ENABLE
5mA
4311 BD


Similar Part No. - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
More results

Similar Description - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
   SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
   SMBus/I2C Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
   SMBus/IC Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694 Datasheet
247Kb / 7P
   SMBus Accelerator (SMA)
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com