Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4311 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4311
Description  Low Voltage I2C/SMBus Accelerator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4311 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4311 Datasheet HTML 3Page - Linear Technology LTC4311 Datasheet HTML 4Page - Linear Technology LTC4311 Datasheet HTML 5Page - Linear Technology LTC4311 Datasheet HTML 6Page - Linear Technology LTC4311 Datasheet HTML 7Page - Linear Technology LTC4311 Datasheet HTML 8Page - Linear Technology LTC4311 Datasheet HTML 9Page - Linear Technology LTC4311 Datasheet HTML 10Page - Linear Technology LTC4311 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4311
7
4311fa
Selecting the values of RS and RP
The typical configuration for the data bus for a 2-wire bus
is shown in Figure 1. The parameters RP and RS should be
chosen carefully. A description of the process for choosing
the values of RP and RS follows.
An external pull-up resistor RP is required in each bus
line to supply a steady state pull-up current if the bus is
at logic zero. This pull-up current is used for slewing the
bus line during the initial portion of the positive transition
in order to activate the LTC4311 pull-up current.
Using an external pull-up resistor RP to supply steady
state pull-up current provides the freedom to adjust rise
time versus fall time as well as defining the low state
logic-level (VOL).
For I/O stage protection from ESD and high voltage spikes
on the bus, a series resistor RS (Figure 1) is sometimes
added to the open drain driver of the bus agents.
RS
VCC
CBUS
Bus
RON
4311 F01
DATA
IN
LTC4311
DYNAMIC
CURRENT
PULL-UP
DATA
OUT
RP
Figure 1. Typical 2-Wire Bus Configuration
APPLICATIONS INFORMATION
Low State Noise Margin
A low value of VOL, the low state logic level, is desired
for good noise margin. VOL is calculated as follows:
V
OL =
R
L • VCC
R
L + RP
(1)
RL is the series sum of RS and RON, the on resistance of
the open-drain driver.
Increasing the value of RP decreases the value of VOL.
Increasing RL increases the value of VOL.
Initial Slew Rate
The initial slew rate, SR, of the bus is determined by:
SR
=
V
CC –VOL
R
P • CBUS
(2)
SR must be greater than SRTHRESH, the LTC4311 slew rate
detector threshold (0.5V/μs max), in order to activate the
pull-up current.
I2C Rise and Fall Time
Rise time of an I2C line is derived using equation 3.
t
r = – Rp • CBUS
ln
V
IHMIN –VCC –Rp •IPULLUP AC
V
ILMAX –VCC –Rp •IPULLUP AC
⎩⎪
⎭⎪
(3)
Fall time of an I2C line is derived using equation 4.
t
f = RT • CBUS • ln
V
IHMIN
V
CC
•(R
P + RL )–RL
V
ILMAX
V
CC
•(R
P + RL )–RL
⎪⎪
⎪⎪
(4)
where RT is the parallel equivalent of RP and RL.
Both the values of RP and RS must be chosen carefully
to meet the low state noise margin and all bus timing
requirements.
A discussion of the electrical parameters affected by the
values of RS and RP, as well as the general procedure for
selecting the values of RS and RP follows.


Similar Part No. - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4311 LINER-LTC4311 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4311 LINER-LTC4311 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4311 LINER-LTC4311 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
More results

Similar Description - LTC4311

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1694-1 LINER-LTC1694-1 Datasheet
150Kb / 8P
   SMBus/I2C Accelerator
LTC1694 LINER-LTC1694 Datasheet
145Kb / 8P
   SMBus/I2C Accelerator
LTC4311 LINER-LTC4311_15 Datasheet
144Kb / 12P
   Low Voltage IC/SMBus Accelerator
LTC1694 LINER-LTC1694_15 Datasheet
191Kb / 8P
   SMBus/IC Accelerator
LTC1694-1 LINER-LTC1694-1_15 Datasheet
186Kb / 8P
   SMBus/IC Accelerator
logo
Intersil Corporation
ISL88694 INTERSIL-ISL88694 Datasheet
247Kb / 7P
   SMBus Accelerator (SMA)
ISL88694 INTERSIL-ISL88694_14 Datasheet
250Kb / 7P
   SMBus Accelerator (SMA)
January 21, 2005
logo
Renesas Technology Corp
ISL88694 RENESAS-ISL88694 Datasheet
424Kb / 7P
   SMBus Accelerator (SMA)
logo
Texas Instruments
TCA6507 TI1-TCA6507_16 Datasheet
1Mb / 45P
[Old version datasheet]   Low-Voltage 7-Bit I2C and SMBus LED Driver
TCA9554A TI-TCA9554A Datasheet
506Kb / 33P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com