Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4308IMS8-PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4308IMS8-PBF
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308IMS8-PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4308IMS8-PBF Datasheet HTML 6Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 7Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 8Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 9Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 10Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 11Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 12Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 13Page - Linear Technology LTC4308IMS8-PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4308
10
4308f
When powering up into a bus stuck low condition, the
connection circuitry connecting the SDA and SCL pins are
not activated. 30ms after UVLO, automatic clocking and
stop bit generation takes place as described above.
READY Digital Output
This pin provides a digital flag which is low when either
ENABLE is low, the start-up sequence described earlier
in this section has not been completed, or the LTC4308
has disconnected the input and output busses due to a
bus stuck low condition. READY goes high when ENABLE
is high and start-up is complete. The pin is driven by an
open-drain pull-down device capable of sinking 3mA while
holding 0.4V on the pin. Connect a resistor to the bus
pull-up supply to provide the pull-up.
ENABLE
When the ENABLE pin is driven below 0.45V with respect
to the LTC4308’s ground, the input pin is disconnected
from the output pin and the READY pin is pulled low.
When the pin is driven above 0.75V, the part waits for
data transactions on both the input and output pins to be
complete (as described in the Start-Up section) before
connecting the two pins. At this time the internal pull-down
on READY releases.
A rising edge on ENABLE after a bus stuck low condition
has occurred forces a connection between SDAIN, SDAOUT,
and SCLIN, SCLOUT even if the bus stuck low condition
has not been cleared. At this time the 30ms timer is reset,
but not disabled.
Rise Time Accelerators
Once connection has been established, rise time accelera-
tor circuits on SDAOUT and SCLOUT are enabled. During
positive bus transitions of at least 0.8V/μs, the rise time
accelerators provide strong, slew-limited pull-up currents
to force the bus voltage to rise at a rate of 100V/μs.
The rise time accelerators significantly improve reli-
ability and performance in I2C systems in several ways.
First, due to the accelerator’s significantly lower pull-up
impedance, as compared to the bus pull-up resistance,
the system is less susceptible to noise on rising edges,
providing smooth, controlled transitions for both small
and large systems. Second, the accelerators allow users
to choose larger bus pull-up resistors, reducing power
consumption and improving logic low noise margins or
to design with bus capacitances beyond those specified
in the I2C specifications.
For these reasons, it is strongly recommended that users
choose bus pull-up resistors that guarantee the output
busses will rise on their own at a rate of at least 0.8 V/μs to
ensure activation of the accelerators. See the Applications
Information section for selecting pull-up resistor sizes.
It is important to connect SDAOUT and SCLOUT pins to
a bus whose pull-up supply is equal to or greater than
the LTC4308’s supply to ensure the accelerators do not
source current through the pull up resistors into the pull-
up supply.
The rise time accelerators are internally disabled until the
sequence of events described in the start-up section has
been completed, as well as during automatic clocking and
stop bit generation for a bus stuck low recovery event.
OPERATION


Similar Part No. - LTC4308IMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4308 LINER-LTC4308 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4308 LINER-LTC4308 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4308 LINER-LTC4308 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4308 LINER-LTC4308 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4308IMS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com