Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4307 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4307
Description  Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4307 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4307 Datasheet HTML 6Page - Linear Technology LTC4307 Datasheet HTML 7Page - Linear Technology LTC4307 Datasheet HTML 8Page - Linear Technology LTC4307 Datasheet HTML 9Page - Linear Technology LTC4307 Datasheet HTML 10Page - Linear Technology LTC4307 Datasheet HTML 11Page - Linear Technology LTC4307 Datasheet HTML 12Page - Linear Technology LTC4307 Datasheet HTML 13Page - Linear Technology LTC4307 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC4307
10
4307f
Live Insertion and Capacitance Buffering Application
Figures 4 and 5 illustrate applications of the LTC4307 that
take advantage of the LTC4307’s Hot SwapTM , capacitance
buffering and precharge features. If the I/O cards were
plugged directly into the backplane without the LTC4307
buffer, all of the backplane and card capacitances would
add directly together, making rise-time and fall-time re-
quirements difficult to meet. Placing an LTC4307 on the
edge of each card, however, isolates the card capacitance
from the backplane. For a given I/O card, the LTC4307
drives the capacitance of everything on the card and the
backplane must drive only the capacitance of the LTC4307,
which is less than 10pF.
In most applications the LTC4307 will be used with a
staggered connector where VCC and GND will be long
pins. SDA and SCL are medium length pins to ensure that
the VCC and GND pins make contact first. This will allow
the precharge circuitry to be activated on SDA and SCL
before they make contact. ENABLE is a short pin that is
pulled down when not connected. This is to ensure that
the connection between the backplane and the card’s data
and clock busses is not is not enabled until the transients
associated with live insertion have settled.
Figure 4 shows the LTC4307 in an application with a stag-
gered connector. The LTC4307 receives its VCC voltage
from one of the long “early power” pins. Establishing
early power VCC ensures that the 1V precharge voltage is
present at SDAIN and SCLIN before they make contact.
Figure 4. The LTC4307 in an Application with a Staggered Connector
Hot Swap is a trademark of Linear Technology Corporation.
C1
0.01
μF
I/O PERIPHERAL CARD 1
CARD
CONNECTORS
BACKPLANE
CONNECTOR
BACKPLANE
R5
10k
R4
10k
SDAIN
SCLIN
ENABLE
READY
SDAOUT
SCLOUT
VCC
GND
LTC4307
R3
10k
R2
10k
R1
10k
VCC
ENAn
SDA
SCL
ENA1
READY
R6
10k
CARD1_SDA
CARD1_SCL
C2
0.01
μF
I/O PERIPHERAL CARD N
R8
10k
R7
10k
4307 F04
SDAIN
SCLIN
ENABLE
READY
SDAOUT
SCLOUT
VCC
GND
LTC4307
R9
10k
CARDn_SDA
CARDn_SCL
APPLICATIONS INFORMATION


Similar Part No. - LTC4307

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307 LINER-LTC4307 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4307 LINER-LTC4307 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4307 LINER-LTC4307 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4307 LINER-LTC4307 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4307

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com