Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4306 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4306
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology LTC4306 Datasheet HTML 10Page - Linear Technology LTC4306 Datasheet HTML 11Page - Linear Technology LTC4306 Datasheet HTML 12Page - Linear Technology LTC4306 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC4306
9
4306f
Register 2 (02h)
BIT NAME
TYPE* DESCRIPTION
d7 GPIO1 Mode
R/W Configures Input/Output mode of
Configure
GPIO1
0 = output mode (default)
1 = input mode
d6 GPIO2 Mode
R/W Configures Input/Output Mode of
Configure
GPIO2
0 = output mode (default)
1 = input mode
d5 Connection
R/W Sets logic requirements for
Requirement
downstream buses to be connected
to upstream bus
0 = Bus Logic State bits (see register
3) of buses to be connected must be
high for connection to occur (default)
1 = Connect regardless of
downstream logic state
d4 GPIO1 Output
R/W Configures GPIO1 Output Mode
Mode Configure
0 = open-drain pull-down (default)
1 = push-pull
d3 GPIO2 Output
R/W Configures GPIO2 Output Mode
Mode Configure
0 = open-drain pull-down (default)
1 = push-pull
d2 Mass Write Enable
R/W Enable Mass Write Address using
address (1011 101)b
0 = Disable Mass Write
1 = Enable Mass Write (default)
d1 Timeout Mode Bit 1 R/W Stuck Low Timeout Set Bit 1**
d0 Timeout Mode Bit 0 R/W Stuck Low Timeout Set Bit 0**
* For Type, “R/W” = Read Write, “R” = Read Only
**Stuck bus program table
TIMSET1
TIMSET0
TIMEOUT MODE
0
0
Timeout Disabled (Default)
0
1
Timeout After 30ms
1
0
Timeout After 15ms
1
1
Timeout After 7.5ms
OPERATIO
Register 3 (03h)
BIT NAME
TYPE* DESCRIPTION
d7 Bus 1 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 1
0 = switch open (default)
1 = switch closed
d6 Bus 2 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 2
0 = switch open (default)
1 = switch closed
d5 Bus 3 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 3
0 = switch open (default)
1 = switch closed
d4 Bus 4 FET State
R/W Sets and indicates state of FET
switches connected to downstream
bus 4
0 = switch open (default)
1 = switch closed
d3 Bus 1 Logic State
R
Indicates logic state of downstream
bus 1; only valid when disconnected
from upstream bus
0 = SDA1, SCL1 or both are below 1V
1 = SDA1 and SCL1 are both above
1V
d2 Bus 2 Logic State
R
Indicates logic state of downstream
bus 2; only valid when disconnected
from upstream bus
0 = SDA2, SCL2 or both are below 1V
1 = SDA2 and SCL2 are both above
1V
d1 Bus 3 Logic State
R
Indicates logic state of downstream
bus 3; only valid when disconnected
from upstream bus
0 = SDA3, SCL3 or both are below 1V
1 = SDA3 and SCL3 are both above
1V
d0 Bus 4 Logic State
R
Indicates logic state of downstream
bus 4; only valid when disconnected
from upstream bus
0 = SDA4, SCL4 or both are below 1V
1 = SDA4 and SCL4 are both above
1V
* For Type, “R/W” = Read Write, “R” = Read Only
These bits give the logic state of disconnected downstream buses to
the master, so that the master can choose not to connect to a low
downstream bus. A given bit is a “don’t care” if its associated
downstream bus is already connected to the upstream bus.


Similar Part No. - LTC4306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4306 LINER-LTC4306 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4306 LINER-LTC4306 Datasheet
281Kb / 20P
   2-Wire Bus Buffer with High Noise Margin
LTC4306 LINER-LTC4306 Datasheet
228Kb / 16P
   Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4306

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4306 LINER-LTC4306_15 Datasheet
273Kb / 20P
   4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305_15 Datasheet
256Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305 LINER-LTC4305 Datasheet
250Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
LTC4305CDHD LINER-LTC4305CDHD Datasheet
213Kb / 20P
   2-Channel, 2-Wire Bus Multiplexer with
LTC4314 LINER-LTC4314_15 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4314 LINER-LTC4314 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312_15 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4312 LINER-LTC4312 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
   2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
   2 Channel I2C bus Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com