Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4304IDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4304IDD
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304IDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4304IDD Datasheet HTML 2Page - Linear Technology LTC4304IDD Datasheet HTML 3Page - Linear Technology LTC4304IDD Datasheet HTML 4Page - Linear Technology LTC4304IDD Datasheet HTML 5Page - Linear Technology LTC4304IDD Datasheet HTML 6Page - Linear Technology LTC4304IDD Datasheet HTML 7Page - Linear Technology LTC4304IDD Datasheet HTML 8Page - Linear Technology LTC4304IDD Datasheet HTML 9Page - Linear Technology LTC4304IDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4304
6
4304fa
BLOCK DIAGRA
SLEW RATE
DETECTOR
3.5mA
CONNECT
PC_CONNECT
PC_CONNECT
PC_CONNECT
CONNECT
1
200k
200k
200k
200k
PRECHARGE
LOGIC
30ms
TIMER
95
µs
DELAY
ACC
CTRL
UVLO
1.4V
ENABLE
1.8V
3
4
SCLIN
ACC
8
SDAIN
1.8V
CONNECT
CONNECT
9
SDAOUT
10 VCC
2
SCLOUT
READY
6
FAULT
7
GND
4304 BD
5
SLEW RATE
DETECTOR
ACC_IN
ACC_IN
3.5mA
SLEW RATE
DETECTOR
ACC_IN
3.5mA
SLEW RATE
DETECTOR
ACC_OUT
3.5mA
UVLO
ACC_OUT
AUTOMATIC
CLOCKING
+
+
+
+
+
LTC4304 2-Wire Bus Buffer with Stuck Bus Protection


Similar Part No. - LTC4304IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4304 LINER-LTC4304 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4304 LINER-LTC4304 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4304 LINER-LTC4304 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results

Similar Description - LTC4304IDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com