Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4304 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4304
Description  Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4304 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4304 Datasheet HTML 7Page - Linear Technology LTC4304 Datasheet HTML 8Page - Linear Technology LTC4304 Datasheet HTML 9Page - Linear Technology LTC4304 Datasheet HTML 10Page - Linear Technology LTC4304 Datasheet HTML 11Page - Linear Technology LTC4304 Datasheet HTML 12Page - Linear Technology LTC4304 Datasheet HTML 13Page - Linear Technology LTC4304 Datasheet HTML 14Page - Linear Technology LTC4304 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4304
11
4304fa
Figure 4 shows the LTC4304 in a PCI application where all
of the pins have the same length. In this case, a RC filter
circuit on the I/O card with a product of 10ms provides a
R3
100k
4304 F04
R9
10k
R8
10k
R10
10k
R12
10k
I/O PERIPHERAL CARD 2
CARD2_SCL
CARD2_SDA
R5
10k
R4
10k
I/O PERIPHERAL CARD 1
CARD1_SCL
CARD1_SDA
R1
10k
VCC
R2
10k
BACKPLANE
BACKPLANE
CONNECTOR
SDA
SCL
C1
0.01
µF
C2
0.1
µF
C3
0.01
µF
R6
10k
R7
100k
C4
0.1
µF
R11
10k
ENABLE
SDAIN
SCLIN
ACC
VCC
GND
SDAOUT
SCLOUT
READY
FAULT
LTC4304
ENABLE
SDAIN
SCLIN
ACC
VCC
GND
SDAOUT
SCLOUT
READY
FAULT
LTC4304
Figure 4. Inserting Multiple I/O Cards into a Live Backplane Using the LTC4304 in a PCI System
filter to prevent the LTC4304 from becoming activated until
the transients associated with live insertion have settled.
Connect the capacitor between ENABLE and GND, and the
resistor from VCC to ENABLE.
APPLICATIONS INFORMATION


Similar Part No. - LTC4304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4304 LINER-LTC4304 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4304 LINER-LTC4304 Datasheet
201Kb / 20P
   Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4304 LINER-LTC4304 Datasheet
294Kb / 20P
   2-Wire Bus Buffers with High Noise Margin
LTC4304 LINER-LTC4304 Datasheet
208Kb / 20P
   Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
More results

Similar Description - LTC4304

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
   Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
   Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
   Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
   Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com