Part Name
         Description
LTC4301L

 Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation ( 12 Page)


LINER
100% 
Zoom Out Zoom In
 
 1 page
background image
1
LTC4301L
4301lfa
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Hot Swappable 2-Wire
Bus Buffer with Low Voltage
Level Translation
Level Translates 1V Signals to Standard 3.3V and
5V Logic Rails
Allows Bus Pull-Up Voltages as Low as 1V on
SDAIN and SCLIN
Bidirectional Buffer* for SDA and SCL Lines
Increases Fanout
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
Isolates Input SDA and SCL Line from Output
10kV Human Body Model ESD Protection
Supports Clock Stretching, Arbitration and
Synchronization
High Impedance SDA, SCL Pins for VCC = 0V
CS Gates Connection from Input to Output
Compatible with I2C
TM, I2C Fast Mode and SMBus
Standards (Up to 400kHz Operation)
Small 8-Pin MSOP and DFN (3mm
× 3mm) Packages
Hot Board Insertion
Servers
Capacitance Buffer/Bus Extender
Desktop Computers
The LTC
®4301L hot swappable, 2-wire bus buffer allows
I/O card insertion into a live backplane without corruption
of the data and clock busses. In addition, the LTC4301L
SDAIN and SCLIN pins are compatible with systems with
pull-up voltages as low as 1V. Control circuitry prevents
the backplane from being connected to the card until a
stop bit or a bus idle is present. When the connection is
made, the LTC4301L provides bidirectional buffering,
keeping the backplane and card capacitances isolated.
When driven low, the CS input pin allows the part to
connect after a stop bit or bus idle occurs. Driving CS high
breaks the connection between SCLIN and SCLOUT and
between SDAIN and SDAOUT. A logic high on READY
indicates that the backplane and card sides are connected
together.
The LTC4301L is offered in 8-pin DFN (3mm
× 3mm) and
MSOP packages.
Input-Output Connection
OUTPUT
SIDE
20pF
INPUT
SIDE
55pF
4301 TA01b
1
µs/DIV
0.5V/DIV
µP
SDA
SCL
VCC
GND
SDAIN
SCLIN
CS
SDAOUT
SCLOUT
READY
LTC4301L
VCC
GND
2k
10k
2k
10k
0.01
µF
SDA
SCL
1.2V
3.3V
4301l TA01a
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 7032051.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX540LOW VOLTAGE CMOS OCTAL BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
54VCXH162244_07Low voltage CMOS 16-bit bus buffer 3-state inverter with 3.6V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74VCXH16244LOW VOLTAGE CMOS 16-BIT BUS BUFFER 3-STATE INV. WITH 3.6V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
74LCX541_07LOW VOLTAGE CMOS OCTAL BUS BUFFER 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
54VCXHR162245_07Rad hard low voltage CMOS 16-bit bus buffer transceiver 3-state with 3.6V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX16240Low voltage CMOS 16-bit bus buffer 3-state with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX16244_07Low voltage CMOS 16-bit bus buffer 3-state with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCX162244_07Low voltage CMOS 16-bit bus buffer 3-state with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LCXH162244Low voltage CMOS 16-bit bus buffer 3-state with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl