Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4267IGN-1-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4267IGN-1-TR
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267IGN-1-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4267IGN-1-TR Datasheet HTML 4Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 5Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 6Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 7Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 8Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 9Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 10Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 11Page - Linear Technology LTC4267IGN-1-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4267-1
8
42671f
PI FU CTIO S
PGND (Pin 1, 8, 9, 16): Switching Regulator Negative
Supply. This pin is the negative supply rail for the switching
regulator controller and must be tied to POUT.
ITH/RUN (Pin 2): Current Threshold/Run Input. This
pin performs two functions. It serves as the switching
regulator error amplifier compensation point as well as
the run/shutdown control input. Nominal voltage range is
0.7V to 1.9V. Forcing the pin below 0.28V with respect to
PGND causes the controller to shut down.
NGATE (Pin 3): Gate Driver Output. This pin drives the
regulator’s external N-Channel MOSFET and swings from
PGND to PVCC.
PVCC (Pin 4): Switching Regulator Positive Supply. This
pin is the positive supply rail for the switching regulator
and must be closely decoupled to PGND.
RCLASS (Pin 5): Class Select Input. Used to set the current
value the PD maintains during classification. Connect a
resistor between RCLASS and VPORTN (see Table 2).
NC (Pin 6): No Internal Connection.
VPORTN (Pin 7): Negative Power Input. Tie to the –48V
input port through the input diodes.
POUT (Pin 10):Power Output. Supplies –48V to the switch-
ing regulator PGND pin and any additional PD loads through
an internal power MOSFET that limits input current. POUT
is high impedance until the voltage reaches the turn-on
UVLO threshold. The output is then current limited. See
the Application Information section.
⎯P⎯W⎯R⎯G⎯D (Pin 11): Power Good Output, Open-Drain.
Indicates that the PD MOSFET is on and the switching
regulator can start operation. Low impedance indicates
power is good.
⎯P⎯W⎯R⎯G⎯D is high impedance during detec-
tion, classification and in the event of a thermal overload.
⎯P⎯W⎯R⎯G⎯D is referenced to V
PORTN.
SIGDISA (Pin 12): Signature Disable Input. SIGDISA al-
lows the PD to present an invalid signature resistance and
remain inactive. Connecting SIGDISA to VPORTP lowers
the signature resistance to an invalid value and disables
all functions of the LTC4267-1. If unused, tie SIGDISA to
VPORTN.
VPORTP (Pin 13): Positive Power Input. Tie to the input
port power return through the input diodes.
SENSE (Pin 14): Current Sense. This pin performs two
functions. It monitors the regulator switch current by read-
ing the voltage across an external sense resistor. It also
injects a current ramp that develops a slope compensation
voltage across an optional external programming resistor.
See the Applications Information section.
VFB(Pin15):FeedbackInput.Receivesthefeedbackvoltage
from the external resistor divider across the output.


Similar Part No. - LTC4267IGN-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC4267IGN-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com