Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4267CGN-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4267CGN-1
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267CGN-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4267CGN-1 Datasheet HTML 7Page - Linear Technology LTC4267CGN-1 Datasheet HTML 8Page - Linear Technology LTC4267CGN-1 Datasheet HTML 9Page - Linear Technology LTC4267CGN-1 Datasheet HTML 10Page - Linear Technology LTC4267CGN-1 Datasheet HTML 11Page - Linear Technology LTC4267CGN-1 Datasheet HTML 12Page - Linear Technology LTC4267CGN-1 Datasheet HTML 13Page - Linear Technology LTC4267CGN-1 Datasheet HTML 14Page - Linear Technology LTC4267CGN-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTC4267-1
11
42671f
Series Diodes
The IEEE 802.3af-defined operating modes for a PD refer-
ence the input voltage at the RJ45 connector on the PD.
The PD must be able to accept power of either polarity
at each of its inputs, so it is common to install diode
bridges (Figure 2). The LTC4267-1 takes this into account
by compensating for these diode drops in the threshold
points for each range of operation. A similar adjustment
is made for the UVLO voltages.
Detection
During detection, the PSE will apply a voltage in the
range of –2.8V to –10V on the cable and look for a 25k
signature resistor. This identifies the device at the end of
the cable as a PD. With the terminal voltage in this range,
the LTC4267-1 connects an internal 25k resistor between
the VPORTP and VPORTN pins. This precision, temperature
compensated resistor presents the proper signature to
alert the PSE that a PD is present and desires power to be
applied. The internal low-leakage UVLO switch prevents
the switching regulator circuitry from affecting the detec-
tion signature.
The LTC4267-1 is designed to compensate for the voltage
and resistance effects of the IEEE required diode bridge.
The signature range extends below the IEEE range to ac-
commodate the voltage drop of the two diodes. The IEEE
specification requires the PSE to use a
ΔV/ΔImeasurement
technique to keep the DC offset of these diodes from af-
fecting the signature resistance measurement. However,
the diode resistance appears in series with the signature
resistor and must be included in the overall signature
resistance of the PD. The LTC4267-1 compensates for
the two series diodes in the signature path by offsetting
the resistance so that a PD built using the LTC4267-1 will
meet the IEEE specification.
In some applications it is necessary to control whether
or not the PD is detected. In this case, the 25k signature
resistor can be enabled and disabled with the use of the
SIGDISA pin (Figure 3). Disabling the signature via the
SIGDISA pin will change the signature resistor to 9k
(typical) which is an invalid signature per the IEEE 802.3af
specification. This invalid signature is present for PD input
voltages from –2.8V to –10V. If the input rises above –10V,
the signature resistor reverts to 25k to minimize power
dissipation in the LTC4267-1. To disable the signature,
tie SIGDISA to VPORTP. Alternately, the SIGDISA pin can
be driven high with respect to VPORTN. When SIGDISA is
high, all functions of the PD interface are disabled.
APPLICATIO S I FOR ATIO
Figure 2. LTC4267-1 PD Front End Using
Diode Bridges on Main and Spare Inputs


Similar Part No. - LTC4267CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CGN LINER-LTC4267CGN Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CGN LINER-LTC4267CGN Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267CGN LINEAR-LTC4267CGN Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results

Similar Description - LTC4267CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-3 LINER-LTC4267-3_15 Datasheet
394Kb / 34P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1_15 Datasheet
378Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com