Part Name
Included
start with
end
match
Description
LTC4267CGN-1-PBF
Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator ( 32 Page)
LINER
100%
26 page
LTC4267-1
26
42671f
Figure 16. Auxiliary Power Source for PD
APPLICATIO S I FOR ATIO
Html Pages
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
LTC4258_09
Quad
IEEE
802.3af
Power
over
Ethernet
Controller
with
Integrated
Detection
1
2
3
4
5
More
Linear Technology
MAX5953A
IEEE
802.3af
PD
Interface
and
PWM
Controllers
with
Integrated
Power
MOSFETs
1
2
3
4
5
More
Maxim Integrated Products
RJK6014DPP
Silicon
N
Channel
MOS
FET
High
Speed
Power
Switching
1
2
3
4
Renesas Technology Corp
LTC4257
IEEE
802.3af
PD
Power
over
Ethernet
Interface
Controller
1
2
3
4
5
More
Linear Technology
LTC4259A-1
Quad
IEEE
802.3af
Power
over
Ethernet
Controller
with
AC
Disconnect
1
2
3
4
5
More
Linear Technology
MC34670
IEEE
802.3af
PD
With
Current
Mode
Switching
Regulator
1
2
3
4
5
More
Freescale Semiconductor, Inc
LT3681
36V
2A
2.8MHz
Step-Down
Switching
Regulator
with
Integrated
Power
Schottky
Diode
1
2
3
4
5
More
Linear Technology
PM8800
Integrated
IEEE
802.3af
compliant
PoE-PD
interface
and
PWM
controller
with
support
of
external
source
1
2
3
4
5
More
STMicroelectronics
STHS4257A
IEEE
802.3af
PoE
Powered
Device
PD
interface
controller
with
integrated
signature
resistor
1
2
3
4
5
More
STMicroelectronics
Link URL
Sponsor of Alldatasheet
Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com
World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com
Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com
Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com
Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl