Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4263IS-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4263IS-TRPBF
Description  Single IEEE 802.3af Compliant PSE Controller with Internal Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263IS-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4263IS-TRPBF Datasheet HTML 4Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 5Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 6Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 7Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 8Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 9Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 10Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 11Page - Linear Technology LTC4263IS-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4263
8
4263fd
PIN FUNCTIONS
LED (Pin 1): Port State LED Drive. This pin is an open drain
output that pulls down when the port is powered. Under port
fault conditions, the LED will flash in patterns to indicate
the nature of the port fault. See the Applications Informa-
tion section for a description of these patterns. When the
LTC4263 is operated from a single 48V supply, this pin is
pulsed low with a 6% duty cycle during the periods when
the LED should be on. This allows use of a simple inductor,
diode, and resistor circuit to avoid excess heating due to
the large voltage drop from VDD48. See the Applications
Information section for details on this circuit.
LEGACY (Pin 2): Legacy Detect. This pin controls whether
legacy detect is enabled. If held at VDD5, legacy detect is
enabled and testing for a large capacitor is performed to
detect the presence of a legacy PD on the port. See the
Applications Information section for descriptions of legacy
PDs that can be detected. If held at VSS, only IEEE 802.3af
compliant PDs are detected. If left floating, the LTC4263
enters force-power-on mode and any PD that generates
between 1V and 10V when biased with 270μA of detection
current will be powered as a legacy device. This mode is
useful if the system uses a differential detection scheme
to detect legacy devices. Warning: Legacy modes are not
IEEE 802.3af compliant.
MIDSPAN (Pin 3): Midspan Enable. If this pin is connected
to VDD5, Midspan backoff is enabled and a 3.2 second
delay occurs after every failed detect cycle unless the
result is open circuit. If held at VSS, no delay occurs after
failed detect cycles.
PWRMGT (Pin 4): Power Management. The LTC4263
sources current at the PWRMGT pin proportional to the
class of the PD that it is powering. The voltage of this pin
is checked before powering the port. The port will not
turn on if this pin is more than 1V above VSS. Connect the
PWRMGT pins of multiple LTC4263s together with a resistor
and capacitor to VSS to implement power management. If
power management is not used, tie this pin to VSS.
VSS (Pins 5, 6): Negative 48V Supply. Pins 5 and 6 should
be tied together on the PCB.
OSC (Pin 7) Oscillator for AC Disconnect. If AC discon-
nect is used, connect a 0.1μF X7R capacitor from OSC to
VSS. Tie OSC to VSS to disable AC disconnect and enable
DC disconnect.
ACOUT (Pin 8): AC Disconnect Sense. Senses the port
to determine whether a PD is still connected when in AC
disconnect mode. If port capacitance drops below about
0.15μF for longer than TMPDO the port is turned off. If
AC disconnect is used, connect this pin to the port with
a series combination of a 1k resistor and a 0.47μF 100V
X7R capacitor. See the Applications Information section
for more information.
OUT (Pins 9, 10): Port Output. If DC disconnect is used,
these pins are connected to the port. If AC disconnect is
used, these pins are connected to the port through a parallel
combination of a 1A diode and a 500k resistor. Pins 9 and
10 should be tied together on the PCB. See the Applications
Information section for more information.
VDD48 (Pin 11): 48V Return. Must be bypassed with a
0.1μF capacitor to VSS.
SD (Pin 12): Shutdown. If held low, the LTC4263 is pre-
vented from performing detection or powering the port.
Pulling SD low will turn off the port if it is powered. When
released, a 4-second delay will occur before detection is
attempted.
ENFCLS (Pin 13): Enforce Class Current Limits. If held
at VDD5, the LTC4263 will reduce the ICUT threshold for
class 1 or class 2 PDs. If ENFCLS is held at VSS, ICUT
remains at 375mA (typ) for all classes.
VDD5 (Pin 14): Logic Power Supply. Apply 5V referenced
to VSS, if such a supply is available, or place a 0.1μF
bypass capacitor to VSS to enable the internal regulator.
When the internal regulator is used, this pin should only
be connected to the bypass capacitor and to any logic pins
of the LTC4263 that are being held at VDD5.
Exposed Pad (Pin 15, DE Package Only): VSS. Must be
connected to VSS on the PCB. The Exposed Pad acts as a
heatsink for the internal MOSFET.
(DFN/SO)


Similar Part No. - LTC4263IS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263IS LINER-LTC4263IS Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC4263IS-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971B MAXIM-MAX5971B Datasheet
3Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Rev 0; 6/10
MAX5984 MAXIM-MAX5984 Datasheet
2Mb / 22P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 12/11
MAX5971A MAXIM-MAX5971A Datasheet
2Mb / 21P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 1/10
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
288Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
   High Power Single PSE Controller with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com