Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4265IDE-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4265IDE-PBF
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265IDE-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4265IDE-PBF Datasheet HTML 3Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 4Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 5Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 6Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 7Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 8Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 9Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 10Page - Linear Technology LTC4265IDE-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC4265
7
4265f
APPLICATIONS INFORMATION
These modes satisfy the requirements defined in the IEEE
802.3af/at specification.
Table 1. LTC4265 Modes of Operation as a Function
of Input Voltage
GND (V)
LTC4265 MODES OF OPERATION
0V to 1.4V
Inactive (Reset After 1st Classification Event)
1.5V to 9.8V
(5.4V to 9.8V)
25k Signature Resistor Detection Before 1st
Classification Event (Mark, 11k Signature
Corrupt After 1st Classification Event)
12.5V to ON/UVLO* Classification Load Current Active
ON/UVLO* to 60V
Inrush and Power Applied To PD Load
>71V
Overvoltage Lockout, 4265 Operations are Disabled
*ON/UVLO includes hysteresis. Rising input threshold, 37.2V Max.
Falling input threshold, 30V Min.
INPUT DIODE BRIDGE
In the IEEE 802.3af/at standard, the modes of operation
reference the input voltage at the PD’s RJ45 connector.
Since the PD must handle power received in either polarity
from either the data or the spare pair, input diode bridges
BR1 and BR2 are connected between the RJ45 connector
and the LTC4265 (Figure 2).
RX
6
RX+
3
TX
2
TX+
RJ45
T1
POWERED
DEVICE (PD)
INPUT
4265 F02
1
7
8
5
4
SPARE
SPARE+
TO PHY
BR2
0.1μF
100V
BR1
GND
D3
LTC4265
VIN
Figure 2. PD Front End Using Diode Bridges on Main and Spare Inputs
The input diode bridge introduces a voltage drop that
affects the range for each mode of operation. The LTC4265
compensates for these voltage drops so that a PD built with
the LTC4265 meets the IEEE 802.3af/at-established voltage
ranges. Note that the Electrical Specifications reference
with respect to the LTC4265 package pins.
DETECTION
During detection, the PSE looks for a 25k signature resis-
tor which identifies the device as a PD. The PSE will apply
two voltages in the range of 2.8V to 10V and measures
the corresponding currents. Figure 1 shows the detection
voltages V1 and V2 and the corresponding PD current. The
PSE calculates the signature resistance using the
ΔV/ΔI
measurement technique.
The LTC4265 presents its precision, temperature-compen-
sated 25k resistor between the GND and VIN pins, alerting
the PSE that a PD is present and requests power to be
applied. The LTC4265 signature resistor also compensates
for the additional series resistance introduced by the input
diode bridge. Thus a PD built with the LTC4265 conforms
to the IEEE 802.3af/at detection specifications.


Similar Part No. - LTC4265IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
logo
Analog Devices
LTC4265 AD-LTC4265 Datasheet
3Mb / 44P
   12/24-Port IEEE 802.3bt PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
logo
Analog Devices
LTC4265 AD-LTC4265 Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4265 LINER-LTC4265 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
More results

Similar Description - LTC4265IDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4265 LINER-LTC4265_15 Datasheet
303Kb / 22P
   IEEE 802.3 at High Power PD Interface Controller with 2-Event Classification Recognition
logo
Texas Instruments
TPS2378 TI1-TPS2378 Datasheet
494Kb / 25P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093 Datasheet
195Kb / 12P
   Integrated IEEE 802.3at PoE-PD Interface Controller
March, 2014 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
   IEEE 802.3at compliant PD interface
April 2015 Rev 1
logo
Texas Instruments
TPS2379 TI1-TPS2379 Datasheet
648Kb / 30P
[Old version datasheet]   IEEE 802.3at PoE High-Power PD Interface with External Gate Driver
logo
STMicroelectronics
PM8803TR STMICROELECTRONICS-PM8803TR Datasheet
836Kb / 34P
   High-efficiency, IEEE 802.3at compliant integrated PoE-PD interface and PWM controller
logo
Linear Technology
LTC4269-2 LINER-LTC4269-2 Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
logo
STMicroelectronics
PM8801 STMICROELECTRONICS-PM8801 Datasheet
1Mb / 37P
   High-efficiency, IEEE 802.3at compliant, integrated PoE-PD interface and PWM controller
July 2013 Rev 2
logo
Linear Technology
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com