Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4261CUFD-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4261CUFD-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4261CUFD-2 Datasheet HTML 6Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 7Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 8Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 9Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 10Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 11Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 12Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 13Page - Linear Technology LTC4261CUFD-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4261/LTC4261-2
10
42612fb
UVLO:
VIN = 9V
INTVCC = 4.25V
VEE
VEE
VEE
VSENSE
50mV
VEE
VEE
VIN
VIN
VCC
SSA
SSC
ACL
UVL
UVH
OV
20
µA
INTVCC
GATE
RAMP
SENSE
2.56V
2.291V
10
µA
50nA
3pF
5V
11.2V
+
+
+
2.56V
1.77V
+
2.56V
5
µA5µA
TMR
TMR
ADR0
VEE
ADR1
I2C DEVICE ADDRESS
SINGLE-WIRE ENABLE
OV
UVH
UVL
SS
12mA
5
µA
8
+
LOGIC
ADIN
ADIN2/OV
A0
VSENSE
MUX
REGISTER
I2C
INTERFACE
A7
A8
10
10
VREF = 2.56V
10-BIT ADC
42612 BD
VEE
VEE
VEE
+ –
40
×
PG
PGIO
FLTIN
PGI
EN
ON
1.77V
DC
GC
4V
VZ – 1.2V
GATE
DRAIN
SCL
SDAI
SDAO
ALERT
DECODER
BLOCK DIAGRAM


Similar Part No. - LTC4261CUFD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4261 AD-LTC4261 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4261 AD-LTC4261 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4261CUFD-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261-2 LINER-LTC4261-2_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com