Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4263-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4263-1
Description  High Power Single PSE Controller with Internal Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4263-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4263-1 Datasheet HTML 1Page - Linear Technology LTC4263-1 Datasheet HTML 2Page - Linear Technology LTC4263-1 Datasheet HTML 3Page - Linear Technology LTC4263-1 Datasheet HTML 4Page - Linear Technology LTC4263-1 Datasheet HTML 5Page - Linear Technology LTC4263-1 Datasheet HTML 6Page - Linear Technology LTC4263-1 Datasheet HTML 7Page - Linear Technology LTC4263-1 Datasheet HTML 8Page - Linear Technology LTC4263-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4263-1
2
42631fa
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VSS – VDD48 ........................................... 0.3V to –80V
VDD5........................................VSS – 0.3V to VSS + 6V
Pin Voltages and Currents
LEGACY, MIDSPAN, SD, OSC ..VSS – 0.3V to VSS +6V
LED.......................................VSS – 0.3V to VSS + 80V
OUT, ACOUT............................................ (See Note 3)
Operating Ambient Temperature Range
LTC4263CDE-1............................................ 0°C to 70°C
LTC4263IDE-1 ......................................... –40°C to 85°C
Junction Temperature (Note 4) ............................. 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1, Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supplies
VSUPPLY
Supply Voltage
VDD48 – VSS
30W Output Power
l
33
48
56
66
V
V
VUVLO_OFF
UVLO Turn-Off Voltage
VDD48 – VSS Decreasing
l
29
31
33
V
VUVLO_HYS
UVLO Hysteresis
l
0.1
1
V
VOVLO_OFF
OVLO Turn-Off Voltage
VDD48 – VSS Increasing
l
66
70
74
V
VOVLO_HYS
OVLO Hysteresis
l
0.2
2
V
VDD5
VDD5 Supply Voltage
Driven Externally
l
4.5
5
5.5
V
VDD5 Internal Supply
Driven Internally
l
4.3
4.4
4.5
V
IDD48
VDD48 Supply Current
VDD5 – VSS = 5V
Internal VDD5
l
l
1
2
2
4
mA
mA
IDD5
VDD5 Supply Current
VDD5 – VSS = 5V
l
12
mA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD48 – VSS = 48V and VDD5 not driven externally. All voltages are
relative to VSS unless otherwise noted. (Note 2, Note 5)
PIN CONFIGURATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
VDD5
VSS
SD
VDD48
OUT
OUT
ACOUT
LED
LEGACY
MIDSPAN
VSS
VSS
VSS
OSC
TOP VIEW
DE14 PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 15) IS VSS, MUST BE SOLDERED TO PCB
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4263CDE-1#PBF
LTC4263IDE-1#PBF
LTC4263CDE-1#TRPBF
LTC4263IDE-1#TRPBF
42631
42631
14-Lead (4mm
× 3mm) Plastic DFN
14-Lead (4mm
× 3mm) Plastic DFN
0°C to 70°C
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LTC4263-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1 Datasheet
374Kb / 30P
   Quad IEEE 802.3at Power over Ethernet Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4263-1 LINER-LTC4263-1 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC4263-1 LINER-LTC4263-1 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
More results

Similar Description - LTC4263-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4263-1 LINER-LTC4263-1_15 Datasheet
291Kb / 20P
   High Power Single PSE Controller with Internal Switch
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4274 LINER-LTC4274_15 Datasheet
362Kb / 28P
   Single PoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
LTC4274C LINER-LTC4274C_15 Datasheet
360Kb / 30P
   Single PoE/PoE/LTPoE PSE Controller
logo
Maxim Integrated Produc...
MAX4880 MAXIM-MAX4880 Datasheet
207Kb / 10P
   Overvoltage-Protection Controller with Internal Disconnect Switch
Rev 0; 7/05
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com