Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4257CS8
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257CS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC4257CS8 Datasheet HTML 1Page - Linear Technology LTC4257CS8 Datasheet HTML 2Page - Linear Technology LTC4257CS8 Datasheet HTML 3Page - Linear Technology LTC4257CS8 Datasheet HTML 4Page - Linear Technology LTC4257CS8 Datasheet HTML 5Page - Linear Technology LTC4257CS8 Datasheet HTML 6Page - Linear Technology LTC4257CS8 Datasheet HTML 7Page - Linear Technology LTC4257CS8 Datasheet HTML 8Page - Linear Technology LTC4257CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4257
3
4257fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are with respect to GND pin.
Note 3: The LTC4257 operates with a negative supply voltage in the range
of –1.5V to –57V. To avoid confusion, voltages in this data sheet are
always referred to in terms of absolute magnitude. Terms such as
“maximum negative voltage” refer to the largest negative voltage and a
“rising negative voltage” refers to a voltage that is becoming more
negative.
Note 4: The LTC4257 is designed to work with two polarity protection
diodes between the PSE and PD. Parameter ranges specified in the
Electrical Characteristics are with respect to LTC4257 pins and are
designed to meet IEEE 802.3af specifications when these diode drops are
included. See Applications Information.
Note 5: Signature resistance is measured via the 2-point
∆V/∆I method as
defined by IEEE 802.3af. The LTC4257 signature resistance is offset from
25k to account for diode resistance. With two series diodes, the total PD
resistance will be between 23.75k and 26.25k and meet IEEE 802.3af
specifications. The minimum probe voltages measured at the LTC4257
pins are –1.5V and –2.5V. The maximum probe voltages are –8.5V and
–9.5V.
Note 6: The LTC4257 includes hysteresis in the UVLO voltages to preclude
any start-up oscillation. Per IEEE 802.3af requirements, the LTC4257 will
power up from a voltage source with 20
Ω series resistance on the first
trial.
Note 7: IIN_CLASS does not include classification current programmed at
Pin 2. Total supply current in classification mode will be IIN_CLASS + ICLASS
(see Note 8).
Note 8: ICLASS is the measured current flowing through RCLASS.
∆ICLASS accuracy is with respect to the ideal current defined as
ICLASS = 1.237/RCLASS. The current accuracy specification does not
include variations in RCLASS resistance. The total classification current for
a PD also includes the IC quiescent current (IIN_CLASS). See Applications
Information.
Note 9: For the DD package, this parameter is assured by design and
wafer level testing.
Note 10: IOUT_LEAK includes current drawn at the VOUT pin by the power
good status circuit. This current is compensated for in the 25k
Ω signature
resistance and does not affect PD operation.
Note 11: The LTC4257 includes smart thermal protection. In the event of
an overtemperature condition, the LTC4257 will reduce the input current
limit by 50% to reduce the power dissipation in the package. If the part
continues heating and reaches the shutdown temperature, the current is
reduced to zero until the part cools below the overtemperature limit. The
LTC4257 is also protected against thermal damage from incorrect
classification probing by the PSE. If the LTC4257 exceeds the
overtemperature trip point, the classification load current is disabled.
ELECTRICAL CHARACTERISTICS
RSIGNATURE
Signature Resistance
–1.5V
≤ VIN ≤ –9.5V, VOUT Tied to GND,
23.25
26.00
k
IEEE 802.3af 2-Point Measurement (Notes 4, 5)
VPG_OUT
Power Good Output Low Voltage
I = 1mA, VIN = – 48V, PWRGD Referenced to VIN
0.5
V
Power Good Trip Point
VIN = –48V, Voltage Between VIN and VOUT (Note 9)
VPG_THRES_FALL
VOUT Falling
1.3
1.5
1.7
V
VPG_THRES_RISE
VOUT Rising
2.7
3.0
3.3
V
IPG_LEAK
Power Good Leakage
VIN = 0V, PWRGD FET Off, VPWRGD = 57V
1
µA
RON
On-Resistance
I = 300mA, VIN = – 48V, Measured from VIN to VOUT
1.0
1.6
(Note 9)
2.0
IOUT_LEAK
VOUT Leakage
VIN = 0V, Power MOSFET Off, VOUT = 57V (Note 10)
150
µA
ILIMIT
Input Current Limit
VIN = – 48V, VOUT = –43V (Note 11)
300
350
400
mA
ILIMIT_WARM
Overtemperature Input Current Limit
(Note 11)
188
mA
TOVERTEMP
Overtemperature Trip Temperature
(Note 11)
120
°C
TSHUTDOWN
Thermal Shutdown Trip Temperature
(Note 11)
140
°C


Similar Part No. - LTC4257CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257CS8-1 LINER-LTC4257CS8-1 Datasheet
267Kb / 20P
   Power over Ethernet Interface Controller with Dual Current Limit
More results

Similar Description - LTC4257CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com