Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4257 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4257
Description  IEEE 802.3af PD Power over Ethernet Interface Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4257 Datasheet(HTML) 4 Page - Linear Technology

  LTC4257 Datasheet HTML 1Page - Linear Technology LTC4257 Datasheet HTML 2Page - Linear Technology LTC4257 Datasheet HTML 3Page - Linear Technology LTC4257 Datasheet HTML 4Page - Linear Technology LTC4257 Datasheet HTML 5Page - Linear Technology LTC4257 Datasheet HTML 6Page - Linear Technology LTC4257 Datasheet HTML 7Page - Linear Technology LTC4257 Datasheet HTML 8Page - Linear Technology LTC4257 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4257
4
4257fb
Input Current vs Input Voltage
INPUT VOLTAGE (V)
0
1
2
3
–45
–55
4257 G04
–60
–40
–50
EXCLUDES ANY LOAD CURRENT
TA = 25°C
Normalized UVLO Threshold
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Leakage Current
Input Current vs Input Voltage
INPUT VOLTAGE (V)
0
0
10
20
30
40
50
–10
–20
–30
–40
4257 G01
–50
–60
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
TA = 25°C
INPUT VOLTAGE (V)
0
0
0.1
0.2
0.3
0.4
0.5
–2
–4
–6
–8
4357 G02
–10
TA = 25°C
INPUT VOLTAGE (V)
–12
9.0
9.5
10.5
11.0
11.5
–14
–16
4257 G03
10.0
–18
–20
–22
12.0
85
°C
–40
°C
CLASS 1 OPERATION
Input Current vs Input Voltage
25k Detection Range
Input Current vs Input Voltage
INPUT VOLTAGE (V)
–1
22
V1:
V2:
23
25
26
27
–3
–5
4257 G05
24
–7
–9
–6
–10
–2
–4
–8
28
RESISTANCE =
DIODES: S1B
TA = 25°C
=
∆V
∆I
V2 – V1
I2 – I1
IEEE UPPER LIMIT
IEEE LOWER LIMIT
LTC4257 + 2 DIODES
LTC4257 ONLY
Signature Resistance
vs Input Voltage
TEMPERATURE (
°C)
–40
–2
–1
0
1
2
–20
0
20
40
4257 G06
60
80
APPLICABLE TO TURN-ON
AND TURN-0FF THRESHOLDS
Power Good Output Low Voltage
vs Current
CURRENT (mA)
0
2
3
8
4257 G07
1
0
2
4
6
10
4
TA = 25°C
VOUT PIN VOLTAGE (V)
0
0
30
60
120
90
20
40
42571 G09
60
VIN = 0V
TA = 25°C
Current Limit vs Input Voltage
INPUT VOLTAGE (V)
–40
345
355
–60
4257 G09
335
325
–45
–50
–55
375
365
VOUT = VIN + 5V
85
°C
25
°C
–40
°C


Similar Part No. - LTC4257

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
LTC4257 LINER-LTC4257 Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4257 LINER-LTC4257 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4257-1 LINER-LTC4257-1 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Analog Devices
LTC4257-1 AD-LTC4257-1 Datasheet
1Mb / 40P
   4-Port IEEE 802.3bt PoE PSE Controller
More results

Similar Description - LTC4257

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Microsemi Corporation
PD70101 MICROSEMI-PD70101 Datasheet
831Kb / 20P
   Power Over Ethernet 802.3af/at PD Controller
Rev.2.0, 17-Jan-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com