Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS1-A2-H442-00 Datasheet(PDF) 2 Page - Emerson Network Power

Part # VS1-A2-H442-00
Description  VS Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS1-A2-H442-00 Datasheet(HTML) 2 Page - Emerson Network Power

  VS1-A2-H442-00 Datasheet HTML 1Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 2Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 3Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 4Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 5Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 6Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 7Page - Emerson Network Power VS1-A2-H442-00 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
www.astecpower.com
Electrical Specs
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Fuse rating
600 V / 25 A (internal)1Ø
250 V / 20 A (internal)3Ø
Input voltage
85-264 VAC 1Ø
VS1, VS3 & VS4
(See operating curve)
180-264 VAC 3Ø
VS6, VS8 & VS9
Frequency
47 to 440 Hz
Inrush current
40 A peak max.
Efficiency
75% - 82%
Power factor
0.99 typical
(0.9 on VS6, VS8 & VS9)
Turn-on time
AC / 1 sec;
Inhibit / 100 ms max.
EMI-filter
CISPR 22, EN55022 Level B
conducted/radiated
Leakage current
2 mA max. at 240 VAC
Holdover storage
20 ms min. / 40 ms typical
independent of VAC
AC-OK warning time
>5 ms (power fail)
Loss of phase
On VS6, VS8 & VS9, unit will
continue to operate with loss
of phase
Output
Adjustment range
±10% minimum
Margining
±4-6% nominal
Line/load reg
0.2% or 5 mV max.
Ripple
RMS: 0.1% or 10 mV
P-P: 1.0% or 50 mV
Bandwidth limited to 20 MHz
Dynamic response
2% or 100 mV with 25% load step
(any output)
Recovery time
To within 1% in <300 µsec
Overvoltage protection
2-5 V 122% to 134% of output voltage;
12-48 V 110% to 120%; recycle AC
Overload protection
Main: 105% to 120% of rated current
Auxiliaries:105% to 140%
Short circuit protection
Protected for continuous short circuit,
recovery automatic
Reverse voltage
protection
100% of rated output current
Thermal protection
Each module thermally protected.
Input module: auto recovery. Output
modules; recycle AC.
Remote sense
Up to 0.5 V - total drop
Single wire parallel
Current share to 2% of total rated
current
Switching frequency
200 KHz
(900-1500 W module, 400 KHz)
DC OK
-2% to -6% of nominal
Output/Output isolation
>1 Megohm
2200
2000
1800
1600
1400
1200
1000
800
600
400
200
0
INPUT AC VOLTAGE (VAC) @ 50/60Hz
Single Phase
Input Operating Curve
69-825-410 Rev C
12.01.04


Similar Part No. - VS1-A2-H442-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS1-A2-H442-00 ASTEC-VS1-A2-H442-00 Datasheet
2Mb / 8P
   1000 - 2500 Watts
More results

Similar Description - VS1-A2-H442-00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
   VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
Revision: 19-Sep-11
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 30 A
Revision: 17-Aug-17
VS-MBHV VISHAY-VS-MBHV Datasheet
149Kb / 7P
   VS-MB High Voltage Series
VS-4EVH01HM3 VISHAY-VS-4EVH01HM3 Datasheet
151Kb / 7P
   Hyperfast Rectifier, 4 A FRED Pt®
Revision: 11-Jan-2021
VS-6CWQ10FNPBF VISHAY-VS-6CWQ10FNPBF Datasheet
155Kb / 7P
   VS-6CWQ10FNPBF
Revision: 14-Jan-11
VS-E5TH3012S2LHM3 VISHAY-VS-E5TH3012S2LHM3 Datasheet
193Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt® G5
Revision: 02-Mar-2021
VS-4EWH02FNHM3 VISHAY-VS-4EWH02FNHM3_V01 Datasheet
170Kb / 7P
   VS-4EWH02FNHM3
01-Jan-2022
VS-6CVH01HM3 VISHAY-VS-6CVH01HM3 Datasheet
152Kb / 7P
   Hyperfast Rectifier, 2 x 3 A FRED Pt®
Revision: 13-Jan-2021
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS_11 Datasheet
2Mb / 12P
   Intelligent VS Power
logo
PHOENIX CONTACT
1652211 PHOENIX-1652211 Datasheet
87Kb / 3P
   VS-25-SD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com