Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS6-L2-00 Datasheet(PDF) 7 Page - Emerson Network Power

Part # VS6-L2-00
Description  VS Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

VS6-L2-00 Datasheet(HTML) 7 Page - Emerson Network Power

  VS6-L2-00 Datasheet HTML 1Page - Emerson Network Power VS6-L2-00 Datasheet HTML 2Page - Emerson Network Power VS6-L2-00 Datasheet HTML 3Page - Emerson Network Power VS6-L2-00 Datasheet HTML 4Page - Emerson Network Power VS6-L2-00 Datasheet HTML 5Page - Emerson Network Power VS6-L2-00 Datasheet HTML 6Page - Emerson Network Power VS6-L2-00 Datasheet HTML 7Page - Emerson Network Power VS6-L2-00 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
7
Drawings
~
5.00
127.0
MAX
AC HIGH
NEUTRAL
GROUND
DETAIL A
.33
±.10
2.04
±2.54
51.81
±.10
3.49
±2.54
88.64
±.10
4.94
±2.54
125.47
±.10
6.39
±2.54
162.31
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
(PFC)
N
P/F
6 1
J1
8.3
S
L
O
T
2
S
L
O
T
1
±.10
7.84
±2.54
199.14
±.10
9.29
±2.54
235.97
±.20
274.32
10.80
±5.04
.52
13.1
VS4 & VS9 • 2000-2500 WATTS
VS4
11-inch Case Size (5” x 11” x 11”)
8-32 UNC-2B THREADED
INSERT, 4 PL
11.00
279.31
4.00
101.60
.75
19.05
6.75
171.45
.50
12.70
+.02
+.50
-
-
±.05
±1.27
±1.27
±.05
±1.27
±.50
±.02
±.05
LIKE PATTERN OPPOSITE SIDE
MAX
1.2
±.05
.27
±1.27
6.86
.94
23.89
MAX
AIR FLOW
STD
FRONT AIR
EXHAUST
OPTIONAL
REAR AIR
EXHAUST
.750
±1.270
19.050
6.750
171.450
±.05
±.02
±.50
±.050
1.067
±1.270
27.099
8-32 UNC-2B THREADED
INSERT, 6 PL
1.2
±.020
±.508
5.750
146.050
±.020
±.508
8.750
222.25
~
5.00
127.0
MAX
AC HIGH
NEUTRAL
GROUND
DETAIL A
.33
±.10
2.04
±2.54
51.81
±.10
3.49
±2.54
88.64
±.10
4.94
±2.54
125.47
±.10
6.39
±2.54
162.31
S
L
O
T
5
S
L
O
T
6
S
L
O
T
4
S
L
O
T
3
(PFC)
N
P/F
6 1
J1
8.3
S
L
O
T
2
S
L
O
T
1
±.10
7.84
±2.54
199.14
±.10
9.29
±2.54
235.97
±.20
274.32
10.80
±5.04
.52
13.1
VS9
AC Phase A
AC Phase B
AC Phase C
69-825-410 Rev C
12.01.04


Similar Part No. - VS6-L2-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
VS6-L2-00 ASTEC-VS6-L2-00 Datasheet
2Mb / 8P
   1000 - 2500 Watts
More results

Similar Description - VS6-L2-00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-80SQ045TR VISHAY-VS-80SQ045TR Datasheet
134Kb / 7P
   VS-80SQ... Series, VS-80SQ...-M3 Series Vishay Semiconductors
Revision: 19-Sep-11
VS-60CTQ035-M3 VISHAY-VS-60CTQ035-M3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 30 A
Revision: 17-Aug-17
VS-MBHV VISHAY-VS-MBHV Datasheet
149Kb / 7P
   VS-MB High Voltage Series
VS-4EVH01HM3 VISHAY-VS-4EVH01HM3 Datasheet
151Kb / 7P
   Hyperfast Rectifier, 4 A FRED Pt®
Revision: 11-Jan-2021
VS-6CWQ10FNPBF VISHAY-VS-6CWQ10FNPBF Datasheet
155Kb / 7P
   VS-6CWQ10FNPBF
Revision: 14-Jan-11
VS-E5TH3012S2LHM3 VISHAY-VS-E5TH3012S2LHM3 Datasheet
193Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt® G5
Revision: 02-Mar-2021
VS-4EWH02FNHM3 VISHAY-VS-4EWH02FNHM3_V01 Datasheet
170Kb / 7P
   VS-4EWH02FNHM3
01-Jan-2022
VS-6CVH01HM3 VISHAY-VS-6CVH01HM3 Datasheet
152Kb / 7P
   Hyperfast Rectifier, 2 x 3 A FRED Pt®
Revision: 13-Jan-2021
logo
Emerson Network Power
IVS EMERSON-NETWORKPOWER-IVS_11 Datasheet
2Mb / 12P
   Intelligent VS Power
logo
PHOENIX CONTACT
1652211 PHOENIX-1652211 Datasheet
87Kb / 3P
   VS-25-SD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com