Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLUR6401 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLUR6401
Description  Universal LED in 5 mm Tinted Diffused Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLUR6401 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLUR6401 Datasheet HTML 1Page - Vishay Siliconix TLUR6401 Datasheet HTML 2Page - Vishay Siliconix TLUR6401 Datasheet HTML 3Page - Vishay Siliconix TLUR6401 Datasheet HTML 4Page - Vishay Siliconix TLUR6401 Datasheet HTML 5Page - Vishay Siliconix TLUR6401 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLUR54../64..
Vishay Telefunken
5 (6)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83055
PCB Layout in mm
95 10917


Similar Part No. - TLUR6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR6401 VISHAY-TLUR6401 Datasheet
105Kb / 4P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results

Similar Description - TLUR6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLUR540 VISHAY-TLUR540 Datasheet
158Kb / 6P
   Universal LED in ∅ 5 mm Tinted Diffused Package
Rev. 1.6, 31-Aug-04
TLUR5401 VISHAY-TLUR5401 Datasheet
164Kb / 6P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR6401 VISHAY-TLUR6401 Datasheet
105Kb / 4P
   Universal LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
TLUR4401 VISHAY-TLUR4401_V02 Datasheet
182Kb / 6P
   Universal LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLUR440 VISHAY-TLUR440_V01 Datasheet
183Kb / 6P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLUR44K1L2 VISHAY-TLUR44K1L2_V01 Datasheet
107Kb / 4P
   Universal LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR54 VISHAY-TLHR54 Datasheet
129Kb / 9P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com