Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL15F Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL15F
Description  DC-DC CONVERTERS Typhoon Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15F Datasheet(HTML) 1 Page - Emerson Network Power

  SIL15F Datasheet HTML 1Page - Emerson Network Power SIL15F Datasheet HTML 2Page - Emerson Network Power SIL15F Datasheet HTML 3Page - Emerson Network Power SIL15F Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTERS
Typhoon Non-isolated
1
NEW Product
File Name: silL15f_12.pdf Rev (01): 16 Dec 2005
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E174104
UL 60950 File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 04 38572 041
CB report and certificate to IEC60950
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 270 µF, Cout = 0 µF
SPECIFICATIONS
The SIL15F-12 series are non-isolated dc-dc converters packaged in a single-in-line
footprint giving designers a cost effective solution for conversion from a 12 V source. The
SIL15F-12 has an input range of 8 Vdc to 13.2 Vdc and offers an output voltage range from
1.0 Vdc to 1.8 Vdc with a 15 A load, which allows for maximum design flexibility and a
pathway for future upgrades. The SIL15F-12 is designed for applications that include
distributed power, workstations, optical network and wireless applications. Implemented
using state of the art surface-mount technology and automated manufacturing techniques,
the SIL15F-12 offers compact size and efficiencies of 85% typical at 1.8 Vout.
Designed to meet ultra fast transient
requirements: 300 A/µs step load transients
15 A current rating
Input voltage range: 8 Vdc to 13.2 Vdc
Output voltage range: 1.0 Vdc to 1.8 Vdc
Extremely low internal power dissipation
Minimal thermal design concerns
Ideal solution where board space is at a premium
or tighter card pitch is required
Industry standard surface-mount footprint
RoHS compliant
SIL15F Series
12 Vin single output
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
Vin = 12 V, Vout = 1.8 V
84% typ.
Insulation voltage
Non-isolated
Switching frequency
Variable
500 kHz typ.
Vin = 12 V, Vout = 1.2 V
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.80 x 8.50 x 12.70 mm
2.0 x 0.335 x 0.50 inches
Weight
5 g (0.18 oz)
MTBF
Telcordia SR-332
TBD hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Figure 1)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery
OUTPUT SPECIFICATIONS
Voltage adjustability
Trimmable
±10%
Setpoint accuracy
±3.5% typ.
Line regulation
±1.0% typ.
Load regulation
±2.0% typ.
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
5 Hz to 20 MHz
40 mV pk-pk
25 mV rms
Temperature co-efficient
±0.01%/ºC
Transient response
di/dt 200 A/µs
5 A load step
(1.2 Vout)
(See Note 3)
100 mV max. deviation
<10 µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
8-13.2 Vdc
Input current
No load
100 mA
Input current (max.)
2.0 A max. @ Io max.
and Vout = 1.2 V
Input reflected ripple
100 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
5 ms
Preliminary Data - subject to change without notice


Similar Part No. - SIL15F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15 ARTESYN-SIL15 Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Artesyn Technologies
SIL15-05SADJ-V ARTESYN-SIL15-05SADJ-V Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
logo
Emerson Network Power
SIL15-05SADJ-V EMERSON-NETWORKPOWER-SIL15-05SADJ-V Datasheet
114Kb / 3P
   DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Artesyn Technologies
SIL15-12SADJ-V ARTESYN-SIL15-12SADJ-V Datasheet
194Kb / 3P
   15A Non-Isolated DC/DC Converters
More results

Similar Description - SIL15F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT15F ARTESYN-SMT15F Datasheet
192Kb / 4P
   DC-DC CONVERTERS Typhoon Non-isolated
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com