Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO7414L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7414L
Description  N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7414L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7414L Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7414L Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7414L Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7414L Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO7414
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
0.5
0.68
1
V
ID(ON)
25
A
50
62
TJ=125°C
70
90
56
70
m
66
85
gFS
15
S
VSD
0.7
1
V
IS
0.35
A
Ciss
260
320
pF
Coss
48
pF
Crss
27
pF
Rg
3
4.5
Qg
2.9
3.8
nC
Qgs
0.4
nC
Qgd
0.6
nC
tD(on)
2.5
ns
tr
3.2
ns
tD(off)
21
ns
tf
3ns
trr
14
19
ns
Qrr
3.4
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=20V, VGS=0V
Gate Threshold Voltage
VDS=VGS ID=250µA
µA
Gate-Body leakage current
VDS=0V, VGS=±8V
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=2A
m
VGS=2.5V, ID=1.8A
VGS=1.8V, ID=1A
Forward Transconductance
VDS=5V, ID=2A
Diode Forward Voltage
IS=1A,VGS=0V
Gate Drain Charge
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=10V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Body Diode Reverse Recovery Charge IF=2A, dI/dt=100A/µs
Turn-On DelayTime
VGS=4.5V, VDS=10V, RL=5Ω,
RGEN=6Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
VGS=4.5V, VDS=5V
On state drain current
Body Diode Reverse Recovery Time
IF=2A, dI/dt=100A/µs
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=10V, ID=2A
Gate Source Charge
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design. The current rating is based on the t≤ 10s thermal resistance
rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev1: March 2008
Alpha Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO7414L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7414 VBSEMI-AO7414 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
More results

Similar Description - AO7414L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com