Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFF60048S285TY Datasheet(PDF) 5 Page - Emerson Network Power

Part # RFF60048S285TY
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF60048S285TY Datasheet(HTML) 5 Page - Emerson Network Power

  RFF60048S285TY Datasheet HTML 1Page - Emerson Network Power RFF60048S285TY Datasheet HTML 2Page - Emerson Network Power RFF60048S285TY Datasheet HTML 3Page - Emerson Network Power RFF60048S285TY Datasheet HTML 4Page - Emerson Network Power RFF60048S285TY Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
5
NEW Product
Figure 13 - Mechanical Drawing and Pin-Out Table
RFF500/600/700 Series
24 Vin and 48 Vin single output
5X THRU-HOLE INSERT FOR M3 FASTERNER, CLEARANCE 0.128 (3.25)
0.550 (13.97)
0
0
+ON/OFF
4.60
±0.02 (116.84 ±0.51)
CASE FOOTPRINT
2.100 (53.34)
0.700 (17.78)
1.100 (27.94)
1.500 (38.10)
2.000 (50.80)
1.000 (25.40)
-ON/OFF
+Vin
-Vin
R
(M3 X 0.5" THREADED INSERTS ARE AVAILABLE)
8X 0.040 (1.02)
+V
0.550 (13.97)
0.50
±0.02 (12.70 ±0.51)
4.200 (106.68)
+V
4X R 0.060 (1.52)
0.23
±0.02 (5.84 ±0.51)
0.300 (7.62)
-V
+V
-V
-V
1.450 (36.83)
0.800 (20.32)
1.200 (30.48)
1.700 (43.18)
2.050 (52.07)
8X 0.081 (2.06)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
-Vin
Negative Input Terminal
+Vin
Positive Input Terminal
-ON/OFF
Negative Input Remote ON/OFF
+ON/OFF
Positive Input Remote ON/OFF
-V
Negative Output Terminals
+V
Positive Output Terminals
Aux
Auxiliary Power Terminal
IOC
Inverter Operation Good
PC
Parallel Control Pin
TRIM
Output Adjustment Trim Pin
+S
Positive Remote Sense
-S
Negative Remote Sense


Similar Part No. - RFF60048S285TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF600-24S28-5TY ARTESYN-RFF600-24S28-5TY Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28-5Y ARTESYN-RFF600-24S28-5Y Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28TY ARTESYN-RFF600-24S28TY Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28Y ARTESYN-RFF600-24S28Y Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF600-24S28Y ARTESYN-RFF600-24S28Y Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
More results

Similar Description - RFF60048S285TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Bel Fuse Inc.
RCM500 BEL-RCM500 Datasheet
2Mb / 17P
   500/1000 W DC-DC Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
   20 W DC-DC Converters
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
   150 /300 W DC-DC Converters
logo
Emerson Network Power
EXB100 EMERSON-NETWORKPOWER-EXB100 Datasheet
407Kb / 2P
   100 W DC-DC Isolated Converters
logo
XP Power Limited
QSB600 XPPOWER-QSB600 Datasheet
2Mb / 10P
   600-700 W Isolated Output
logo
Artesyn Technologies
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com