Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFF70024S285TY Datasheet(PDF) 3 Page - Emerson Network Power

Part # RFF70024S285TY
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF70024S285TY Datasheet(HTML) 3 Page - Emerson Network Power

  RFF70024S285TY Datasheet HTML 1Page - Emerson Network Power RFF70024S285TY Datasheet HTML 2Page - Emerson Network Power RFF70024S285TY Datasheet HTML 3Page - Emerson Network Power RFF70024S285TY Datasheet HTML 4Page - Emerson Network Power RFF70024S285TY Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
3
NEW Product
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
+ON/OFF
-ON/OFF
+Vin
Vin
330
µF
-Vin
+Vo
+Vo
+Vo
50 V
330
µF
100 nF
50 V
-Vo
-Vo
-Vo
-
+
L
O
A
D
Figure 1 - Standard Application
TEMPERATURE (ºC) BASEPLATE
0
4
8
12
16
20
-40
-20
0
20
40
60
80
100
Figure 2 - RFF500 Derating Curve
RFF500/600/700 Series
24 Vin and 48 Vin single output
TEMPERATURE (ºC) BASEPLATE
0
5
10
15
20
25
-40
-20
0
20
40
60
80
100
Figure 3 - RFF600 Derating Curve
TEMPERATURE (ºC) BASEPLATE
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
Figure 4 - RFF700 Derating Curve
Figure 5 - Typical Turn-on Delay and Risetime RFF600-24S28Y
Channel 1: Input Voltage, Channel 2: Output Voltage
Figure 6 - Typical Turn-on Delay and Risetime RFF700-48S28Y
Channel 1: Input Voltage, Channel 2: Output Voltage


Similar Part No. - RFF70024S285TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF700-24S28-5TY ARTESYN-RFF700-24S28-5TY Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF700-24S28-5Y ARTESYN-RFF700-24S28-5Y Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF700-48S28-5TY ARTESYN-RFF700-48S28-5TY Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF700-48S28-5Y ARTESYN-RFF700-48S28-5Y Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF700-48S28TY ARTESYN-RFF700-48S28TY Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
More results

Similar Description - RFF70024S285TY

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
   DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Bel Fuse Inc.
RCM500 BEL-RCM500 Datasheet
2Mb / 17P
   500/1000 W DC-DC Converters
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
   DC-DC CONVERTERS 300-350 W Half-Brick
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
   20 W DC-DC Converters
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
   150 /300 W DC-DC Converters
logo
Emerson Network Power
EXB100 EMERSON-NETWORKPOWER-EXB100 Datasheet
407Kb / 2P
   100 W DC-DC Isolated Converters
logo
XP Power Limited
QSB600 XPPOWER-QSB600 Datasheet
2Mb / 10P
   600-700 W Isolated Output
logo
Artesyn Technologies
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
   50 W High Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com