Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8040IV-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTM8040IV-PBF
Description  36V, 1A 關Module LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040IV-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTM8040IV-PBF Datasheet HTML 1Page - Linear Technology LTM8040IV-PBF Datasheet HTML 2Page - Linear Technology LTM8040IV-PBF Datasheet HTML 3Page - Linear Technology LTM8040IV-PBF Datasheet HTML 4Page - Linear Technology LTM8040IV-PBF Datasheet HTML 5Page - Linear Technology LTM8040IV-PBF Datasheet HTML 6Page - Linear Technology LTM8040IV-PBF Datasheet HTML 7Page - Linear Technology LTM8040IV-PBF Datasheet HTML 8Page - Linear Technology LTM8040IV-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTM8040
4
8040p
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Start Voltage vs Load
3.3V at 1A LEDs
SHDN Current vs Voltage
BIAS Current vs Load Current
12VIN, Single 2.7V at 1A LED
BIAS Current vs Load Current
24VIN, Three 3.3V at 1A LEDs
Temp Rise vs Load 2.7V at 1A
LEDs, 12VIN
Minimum Running Voltage vs
Output Voltage 2.7V at 1A LEDs
Minimum Running Voltage vs
Output Voltage 3.3V at 1A LEDs
Minimum Start Voltage vs Load
2.7V at 1A LEDs
Input Current vs Input Voltage
Output Short Circuited
OUTPUT VOLTAGE
0
2
4
8
10
12
5
8040 G07
6
14
10
15
1A LOAD
0.5A LOAD
0.1A LOAD
OUTPUT VOLTAGE
0
2
4
8
10
12
4
2
8040 G08
6
14
8
6
12
10
1A LOAD
0.5A LOAD
0.1A LOAD
ILOAD (mA)
0
2
4
8
10
12
400
200
8040 G09
6
14
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
4 LEDs
ILOAD (mA)
0
2
4
8
10
12
400
200
8040 G10
6
14
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
SHUTDOWN VOLTAGE
0
0
10
10
5
8040 G11
60
50
40
30
20
20
15
25
30
35
40
LOAD CURRENT (mA)
0
0
2
6
8
10
400
200
8040 G12
4
12
800
600
1000
VBIAS = 5V
VBIAS = 3.2V
VBIAS = 12V
LOAD CURRENT (mA)
0
0
2
6
8
10
12
14
16
18
400
200
8040 G13
4
20
800
600
1000
VBIAS = 5V
VBIAS = 3.2V
VBIAS = 12V
INPUT VOLTAGE (V)
0
0
20
10
5
8040 G14
120
100
80
60
40
20
15
25
30
35
40
ILOAD (mA)
0
2
7
400
200
8040 G15
32
27
22
17
12
800
600
1000
SINGLE LED
2 LEDs
3 LEDs
4 LEDs


Similar Part No. - LTM8040IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
LTM8040 LINER-LTM8040 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
logo
Analog Devices
LTM8040 AD-LTM8040 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
More results

Similar Description - LTM8040IV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
logo
Linear Technology
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
logo
Global Mixed-mode Techn...
G2610 GMT-G2610 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
logo
Linear Technology
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com