Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8040EV-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8040EV-PBF
Description  36V, 1A 關Module LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8040EV-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8040EV-PBF Datasheet HTML 2Page - Linear Technology LTM8040EV-PBF Datasheet HTML 3Page - Linear Technology LTM8040EV-PBF Datasheet HTML 4Page - Linear Technology LTM8040EV-PBF Datasheet HTML 5Page - Linear Technology LTM8040EV-PBF Datasheet HTML 6Page - Linear Technology LTM8040EV-PBF Datasheet HTML 7Page - Linear Technology LTM8040EV-PBF Datasheet HTML 8Page - Linear Technology LTM8040EV-PBF Datasheet HTML 9Page - Linear Technology LTM8040EV-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTM8040
6
8040p
BLOCK DIAGRAM
VIN
SHDN
PWM
GND
RT
ADJ
80.6k
5.11k
INTERNAL
1.25V
0.1μF
4.7μF
8.2μH
SENSE
RESISTOR
LPWR
LEDA
BIAS
INTERNAL
COMPENSATION
CURRENT
MODE
CONTROLLER
8040 BD
PIN FUNCTIONS
pin floating. Please refer to the Applications Information
section for details.
PWM (Pin L7): Input Pin for PWM Dimming Control. A
PWM signal above 0.9V (ON threshold) turns the on output
current source, while a PWM signal below 0.5V shuts it
down. If the application does not require PWM dimming,
then the PWM pin can be left either open (an internal 10μA
source current pulls PWM high) or pulled up to a voltage
source between 1.2V and 10V.
VIN(Bank3):TheVINpinsuppliescur-renttotheLTM8040’s
internal power converter and other circuitry. It must be lo-
cally bypassed with a high quality (low ESR) capacitor.
ADJ (Pin L3): Use the ADJ pin to scale the LEDA output
current below 1A by either applying a voltage source or by
connecting a resistor to GND. This pin is internally pulled
up to a 1.25V reference through a 5.11K resistor, so ensure
that the voltage source can drive a 5.11K impedance. If
applying a voltage to ADJ, the LEDA current follows the
formula: ILED = 1A • ADJ/1.25V. If connecting a resistor to
GND, the resistor value should be R = 5.11 • ILED /(1Amp
– ILED), where R is in KΩ and ILED is the desired current
out of LEDA in Amps. Make sure that the voltage at LEDA
is at least 2.4V.
RT (Pin L2): The RT pin is used to set the internal oscillator
frequency. An 80.6k resistor has already been installed
inside the LTM8040 to default switching frequency to
500kHz. If no modification of the switching frequency is
necessary, leave this pin floating. Otherwise, a parallel
resistor applied from RT to GND will raise the switching
frequency. See table 2 for details.
GND (Bank 2): Tie all GND pins directly to a local ground
plane. These pins serve as both signal and power return
to the LTM8040 μModule, as well as providing the primary
thermal path for heat dissipation within the unit. See the
Applications Information section for more information
about heat-sinking and printed circuit board layout.


Similar Part No. - LTM8040EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040 Datasheet
267Kb / 32P
   關Module Boost LED Driver and Current Source
LTM8040 LINER-LTM8040 Datasheet
352Kb / 26P
   38VIN Boost 關Module Regulator for LED Drive with 10A Switch
logo
Analog Devices
LTM8040 AD-LTM8040 Datasheet
1Mb / 22P
   36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
Rev. 0
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
More results

Similar Description - LTM8040EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8040 LINER-LTM8040_15 Datasheet
220Kb / 20P
   36V, 1A Module LED Driver and Current Source
LTM8022 LINER-LTM8022 Datasheet
246Kb / 20P
   1A, 36V DC/DC 關Module
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
logo
Silan Microelectronics ...
SD42524 SILAN-SD42524 Datasheet
693Kb / 11P
   1A High Power LED Driver with 6~36V Input
logo
Diodes Incorporated
AL8807 DIODES-AL8807 Datasheet
1Mb / 21P
   HIGH EFFICIENCY LOW EMI 36V 1A BUCK LED DRIVER
logo
Linear Technology
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
logo
Global Mixed-mode Techn...
G2610 GMT-G2610 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2620 GMT-G2620 Datasheet
140Kb / 1P
   High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
logo
Linear Technology
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com