Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8022EV-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8022EV-PBF
Description  1A, 36V DC/DC 關Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8022EV-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8022EV-PBF Datasheet HTML 7Page - Linear Technology LTM8022EV-PBF Datasheet HTML 8Page - Linear Technology LTM8022EV-PBF Datasheet HTML 9Page - Linear Technology LTM8022EV-PBF Datasheet HTML 10Page - Linear Technology LTM8022EV-PBF Datasheet HTML 11Page - Linear Technology LTM8022EV-PBF Datasheet HTML 12Page - Linear Technology LTM8022EV-PBF Datasheet HTML 13Page - Linear Technology LTM8022EV-PBF Datasheet HTML 14Page - Linear Technology LTM8022EV-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8022
11
8022fb
APPLICATIONS INFORMATION
Load Sharing
Two or more LTM8022’s may be paralleled to produce higher
currents. To do this, tie the VIN, VOuT and SHARE pins of
all the paralleled LTM8022’s together. Synchronize the
LTM8022s to avoid beat frequencies if required. To ensure
that paralleled modules start up together, the RUN/SS pins
may be tied together, as well. If the RUN/SS pins are not
tied together, make sure that the same valued soft-start
capacitors are used for each module. An example of two
LTM8022 modules configured for load sharing is given in
the Typical Applications section.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8022,
reducing the maximum input current during start-up. The
RUN/SS pin is driven through an external RC filter to create
a voltage ramp at this pin. Figure 2 shows the start-up and
shutdown waveforms with the soft-start circuit. By choos-
ing an appropriate RC time constant, the peak start-up
current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply at least 20μA when the
RUN/SS pin reaches 2.5V.
Synchronization
The internal oscillator of the LTM8022 can be synchronized
by applying an external 250kHz to 2MHz clock signal to
the SYNC pin. The resistor tied from the RT pin to ground
should be chosen such that the LTM8022 would free run
20% lower than the intended synchronization frequency
(see Frequency Selection section).
When the LTM8022 is synchronized to an external clock
source, Burst Mode operation is disabled. The part will
skip power switching cycles as necessary to maintain
regulation. Ensure that the SYNC pin is not left floating.
Tie it to GND if not used.
Shorted Input Protection
Care needs to be taken in systems where the output will be
held high when the input to the LTM8022 is absent. This
may occur in battery charging applications, or in battery
backup systems where a battery or some other supply is
diode ORed with the LTM8022’s output. If the VIN pin is
allowed to float, and the RUN/SS pin is held high (either
by a logic signal or because it is tied to VIN), then the
LTM8022’s internal circuitry will pull its quiescent current
through its internal power switch. This is fine if your system
can tolerate a few milliamps in this state. If you ground the
RUN/SS pin, the SW pin current will drop to essentially
zero. However, if the VIN pin is grounded while the output
is held high, then parasitic diodes inside the LTM8022 can
pull large currents from the output through the VIN pin.
Figure 3 shows a circuit that will run only when the input
voltage is present and that protects against a shorted or
reversed input.
Figure 2. To Soft-Start the LTM8022, Add a
Resistor and Capacitor to the RUN/SS Pin
Figure 3. The Input Diode Prevents a Shorted Input from
Discharging a Back-Up Battery Tied to the Output. It Also
Protects the Circuit From a Reversed Input. The LTM8022
Runs Only When the Input is Present
8022 F02
IL
0.5A/DIV
VRUN/SS
2V/DIV
VOUT
2V/DIV
RUN/SS
GND
0.22μF
RUN
15k
2ms/DIV
LTM8022
8022 F03
VIN
VOUT
RUN/SS
VIN
SYNC
PG
BIAS
AUX
VOUT
RT GND
ADJ


Similar Part No. - LTM8022EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022 Datasheet
371Kb / 28P
   Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8022 LINER-LTM8022 Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM8022 LINER-LTM8022 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8022 LINER-LTM8022 Datasheet
252Kb / 20P
   36VIN, 600mA Step-Down 關Module Converter
LTM8022 LINER-LTM8022 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8022EV-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8022 LINER-LTM8022_15 Datasheet
281Kb / 20P
   1A, 36V DC/DC Module
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM8023 LINER-LTM8023 Datasheet
243Kb / 20P
   2A, 36V DC/DC 關Module
LTM8020 LINER-LTM8020 Datasheet
195Kb / 16P
   200mA, 36V DC/DC 關Module
LTM8031 LINER-LTM8031_15 Datasheet
302Kb / 22P
   Ultralow Noise EMC 36V, 1A DC/DC Module Regulator
LTM8040 LINER-LTM8040 Datasheet
217Kb / 16P
   36V, 1A 關Module LED Driver
LTM8032 LINER-LTM8032 Datasheet
310Kb / 20P
   Ultralow Noise EMC Compliant 36V, 2A DC/DC 關Module
LTM8020 LINER-LTM8020_15 Datasheet
210Kb / 16P
   200mA, 36V DC/DC Module Regulator
logo
Maxim Integrated Produc...
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
   One 18V–36V DC, 1A power supply
Rev 2; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com