Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQS80A48-2V5J Datasheet(PDF) 4 Page - Emerson Network Power

Part # LQS80A48-2V5J
Description  High Current, High Efficiency, Low Profile
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LQS80A48-2V5J Datasheet(HTML) 4 Page - Emerson Network Power

  LQS80A48-2V5J Datasheet HTML 1Page - Emerson Network Power LQS80A48-2V5J Datasheet HTML 2Page - Emerson Network Power LQS80A48-2V5J Datasheet HTML 3Page - Emerson Network Power LQS80A48-2V5J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
High Current, High Efficiency, Low Profile
4
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheets
www.artesyn.com
File Name: quarter_brick_single.pdf Rev (07): 17 Nov 2005
RECOMMENDED HOLE PATTERN
CLEARANCE
(See Option Table)
HEIGHT
(See Option Table)
0.188 (4.78)
2.30 (58.4)
0.300
(7.62)
1.45
(36.8)
ø 0.040
±0.002
(
ø1.02
±0.05)
(6 pls)
ø0.062
±0.002
(
ø1.57
±0.05)
(4 pls)
0.150
(3.81)
2.000 (50.80)
0.15
(3.8)
TOP VIEW
0.118
(3.00)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
x.xx
±0.02 (x.x ±0.5)
x.xxx
±0.010 (x.xx ±0.25)
ø 0.058
±0.008
(
ø1.47
±0.02) (6 pls)
Ref IPC-2222 Level B
2.000 (50.80)
2.30 (58.4)
0.15
(3.8)
0.118
(3.00)
0.300
(7.62)
0.300
(7.62)
0.725
±0.020
(18.42
±0.51)
ø 0.074
±0.003
(
ø1.88
±0.08) (4 pls)
Ref IPC-2222 Level B
0.150
(3.81)
1.45
(36.8)
0.150
(3.81)
0.150
(3.81)
Quarter-Brick Series
Single output
48 V Mechanical Drawing for Output Current Greater than 50 A
“The Double P” Pinout (7)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
PIN NUMBER
FUNCTION
1
+Vin
6
-Sense
2
ON/OFF
7
Trim
3
-Vin
8
+Sense
4
-Vout
9
+Vout
5
-Vout
10
+Vout
Pin Connection Table
Dimension Options Table
DIMENSION OPTIONS
OPTION
CLEARANCE
HEIGHT
±0.016 (0.41)
+0.022 (0.56)
-0.030 (0.76)
A
0.030 (0.76)
0.300 (7.62)
E
0.070 (1.78)
0.340 (8.64)


Similar Part No. - LQS80A48-2V5J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LQS80A48-2V5J EMERSON-NETWORKPOWER-LQS80A48-2V5J Datasheet
145Kb / 4P
   Quarter-Brick Series
logo
Artesyn Technologies
LQS80A48-2V5J ARTESYN-LQS80A48-2V5J Datasheet
517Kb / 5P
   Embedded Power for Business-Critical Continuity
More results

Similar Description - LQS80A48-2V5J

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB81DH MICRO-ELECTRONICS-MGB81DH Datasheet
57Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB31DH MICRO-ELECTRONICS-MGB31DH Datasheet
55Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MGB32DH MICRO-ELECTRONICS-MGB32DH Datasheet
68Kb / 1P
   LOW CURRENT HIGH EFFICIENCY LED
MUB32DH-5 MICRO-ELECTRONICS-MUB32DH-5 Datasheet
45Kb / 1P
   LOW CURRENT HIGH EFFICIENCY RED LED LAMP
MBB32CA-FK MICRO-ELECTRONICS-MBB32CA-FK Datasheet
115Kb / 2P
   HIGH EFFICIENCY LOW CURRENT BLUE LED LAMP
logo
Vishay Siliconix
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
IFSC1515AHER220M01 VISHAY-IFSC1515AHER220M01 Datasheet
90Kb / 2P
   Low Profile, High Current Inductors
Revision: 10-Mar-14
IFSC1008ABER1R0M01 VISHAY-IFSC1008ABER1R0M01 Datasheet
84Kb / 2P
   Low Profile, High Current Inductors
Revision: 16-May-12
IHLP4040DZERR47M11 VISHAY-IHLP4040DZERR47M11 Datasheet
137Kb / 4P
   Low Profile, High Current Inductor
Revision: 04-Jan-08
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
   Low Profile, High Current Inductor
Revision 03-Nov-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com