Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH03010Y Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH03010Y
Description  DC-DC CONVERTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH03010Y Datasheet(HTML) 2 Page - Emerson Network Power

  PTH03010Y Datasheet HTML 1Page - Emerson Network Power PTH03010Y Datasheet HTML 2Page - Emerson Network Power PTH03010Y Datasheet HTML 3Page - Emerson Network Power PTH03010Y Datasheet HTML 4Page - Emerson Network Power PTH03010Y Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev.2.16.09_147
PTHxx010Y
2 of 5
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Output
Output current:
(overV
VREFrange)
(SeeNote1)
PTH03010YandPTH05010Y
PTH12010Y
±15A
±12A
TrackingrangeforVREF:
0.55-1.8Vdc
Trackingtolderanceto VREF(VTT-VREF)
(overline,load&temperature)
-10mVto+10mV
Rippleandnoise:
20MHzbandwidth
20mVpk-pk
Loadtransientresponse:
(SeeNote4)
30µs settling time
µs settling time
Overshoot/undershoot30mVtyp.
Output capacitance:
Non-ceramicvalues
(SeeNotes4&5)
PTH03010Y
PTH05010Y
PTH12010Y
470µF typ., 8,200 µF max.
µFtyp.,8,200µFmax.
470µF typ., 8,200 µF max.
µFtyp.,8,200µFmax.
940µF typ., 6,600 µF max.
µFtyp.,6,600µFmax.
Ceramic values
(SeeNote4)
PTH03010Y
PTH05010Y
PTH12010Y
200µF typ., 300 µF max.
µFtyp.,300µFmax.
200µF typ., 300 µF max.
µFtyp.,300µFmax.
400µF typ., 600 µF max.
µFtyp.,600µFmax.
(SeeNote6)
ESR(non-ceramic)
4mΩmin.
GeneralSpecifications
Efficiency:
lo=10A
PTH03010Y
PTH05010Y
PTH12010Y
88%typ.
88%typ.
85%typ.
Insulation voltage:
Non-isolated
Switching frequency:
PTH03010Y
PTH05010Y
PTH12010Y
300-400kHz
300-400kHz
200-300kHz
Approvalsandstandards(pending):
EN60950
UL/cUL60950
Materialflammability:
UL94V-0
Dimensions:
(LxWxH)
34.80x15.75x9.00mm
1.370x0.620x0.354in
Weight:
3.7g(0.13oz)
MTBF
TelcordiaSR-332
6,000,000hours
EnvironmentalSpecifications
ThermalPerformance:
(SeeNote2)
Operatingambient,
temperature
Non-operating
-40 °Cto+85°C
-40 °Cto+125°C
MSL(‘Z’suffixonly):
JEDECJ-STD-020C
Level3
Protection
Overcurrentthreshold(autoreset):
PTH03010YandPTH05010Y
PTH12010Y
27.5Atyp.
20.0Atyp.


Similar Part No. - PTH03010Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH03010Y TI-PTH03010Y Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03010YAD TI-PTH03010YAD Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03010YAH TI-PTH03010YAH Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03010YAS TI-PTH03010YAS Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
PTH03010YAST TI-PTH03010YAST Datasheet
776Kb / 18P
[Old version datasheet]   15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
More results

Similar Description - PTH03010Y

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com