Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLA03220 Datasheet(PDF) 1 Page - celduc-relais

Part # SLA03220
Description  SLIM SOCKET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SLA03220 Datasheet(HTML) 1 Page - celduc-relais

  SLA03220 Datasheet HTML 1Page - celduc-relais SLA03220 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PP
P
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
r
e
l
a
i
s
页 1 / 2F/GB
S/MON/SESD01000/A/24/03/2005
SLIM插座
SLIM SOCKET
ESD01000
okpac
A1
A2
NF
COM
NO
celduc
®
SLIM插座/SLIM SOCKET ESD01000
A1
-
A2
+
14
NO
11
COM
12
NF
A1 A2
NF COM NO
A1 A2
NF COM NO
+
+-
-
SLD
A1 A2
NF COM NO
+
-
SLA
A1
A2
NF
COM
NO
EMR
celduc
SSR
型号/References
输入控制/
Input control
A1 - A2
输出 /Output
COM - NO
输入电阻/
Input Resistance
R1 // R2
(Ohms)
输入电流/
Input Current
SLD01205
3-10VDC
24VDC 4A
300
13mA @ 5VDC
SLD02205
7-20VDC
24VDC 4A
900
12mA @ 12VDC
SLD03205
18-32VDC
24VDC 4A
1850
12,5mA @ 24VDC
SLD01210
3-10VDC
48VDC 2,5A
300
13mA @ 5VDC
SLD02210
7-20VDC
48VDC 2,5A
900
12mA @ 12VDC
SLD03210
18-32VDC
48VDC 2,5A
1850
12,5mA @ 24VDC
SLA01220
3-10VDC
12-280VAC 2A
300
13mA @ 5VDC
SLA02220
7-20VDC
12-280VAC 2A
900
12mA @ 12VDC
SLA03220
18-32VDC
12-280VAC 2A
1850
12,5mA @ 24VDC
R1
R2
celduc 有直流输出的固态继电器SLD和交
流输出的固态继电器SLA,且和电磁继电器
完全兼容.
Compatible with Electromechanical Relays
and
celduc solid state relays with DC
output SLD and AC output SLA


Similar Part No. - SLA03220

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SLA03220 CELDUC-SLA03220 Datasheet
432Kb / 2P
   SLIM SOCKET
SLA03220 CELDUC-SLA03220 Datasheet
82Kb / 2P
   AC SLIM Solid State Relay
SLA03220L CELDUC-SLA03220L Datasheet
356Kb / 3P
   AC Solid State Relay for PCB mounting
More results

Similar Description - SLA03220

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESD01000 CELDUC-ESD01000 Datasheet
432Kb / 2P
   SLIM SOCKET
logo
Adam Technologies, Inc.
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
CFR-50-A-SG-D-X ADAM-TECH-CFR-50-A-SG-D-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
   SLIM BODY GROUND PLANE SOCKET
logo
celduc-relais
ESD08100 CELDUC-ESD08100 Datasheet
46Kb / 1P
   Socket for 8 SLIM relay
logo
List of Unclassifed Man...
R95-132 ETC2-R95-132 Datasheet
583Kb / 1P
   8?뭁in Slim Line Socket
logo
DB Lectro Inc
A04B DBLECTRO-A04B Datasheet
114Kb / 1P
   IDC SOCKET SINGLE ROW (SLIM TYPE)
logo
TE Connectivity Ltd
1-2367216-1 TEC-1-2367216-1 Datasheet
62Kb / 1P
   PIN STZE 2.4mm, SOCKET [CCON SLIM DUAL
Rev. A
2372900 TEC-2372900 Datasheet
49Kb / 1P
   PIN ST/ZE 2. 4mm, SOCKET [CCON SLIM FOR CABLE
Rev. A
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
   Slim Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com