Part Name
         Description
AI43

 REED SWITCH NORMALY OPEN, DRY CONTACT ( 2 Page)


CELDUC
100% 
Zoom Out Zoom In
   
 2 page
background image
I/SEC/AI43-001/A/04/02/2005
r
e
l
a
i
s
Rue Ampère B.P. 4
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
www.celduc.com
celduc
page 2 / 2 F/GB
Temps de commutation
Méthode de mesure / Test process ---> Alimentation de bobine /Coil voltage: ATF + 50%
à l'action ( rebonds inclus ) / Operate time ( bounces included )
1 ms
au relâchement / Release time
0,4 ms
C
C A
A R
R A
A C
C T
T E
E R
R IIS
S T
T IIQ
Q U
U E
E S
S P
P H
H Y
Y S
S IIQ
Q U
U E
E S
S // P
P H
H Y
Y S
S IIC
C A
A L
L D
D A
A T
T A
A S
S
Matériau utilisé pour le contact / Contact material
Ruthénium
Sorties dorées, non étamées / Gold plated leads ( no tinned )
Température maxi d'utilisation / Max. operating temperature
- 55 à + 125
°C
Température de stockage / Storage temperature
- 55 à + 125
°C
Chocs ( 1/2 onde - 11 ms ) / Shocks ( 1/2 sine wave - 11 ms )
30g
Vibrations ( de 10 à 2000 Hz ) / Vibrations
10g
Durée de vie mécanique / Mecanical life expextancy
108
C
C A
A R
R A
A C
C T
T E
E R
R IIS
S T
T IIQ
Q U
U E
E S
S M
M A
A G
G N
N E
E T
T IIQ
Q U
U E
E S
S // M
M A
A G
G N
N E
E T
T IIC
C A
A L
L
D
D A
A T
T A
A S
S
Bobine de test / Test coil : Ø int. = 8,75 mm ; Long. = 25,4 mm
Fil utilisé / Electric wire: Ø = 0,063 mm ;
Nombre de spires / turns : 5 000
Référence ( Plage standard d'Ampères Tours de fermeture ) / Reference ( standard pull-in value )
AI431530 ( de 15 à 30 ATf / from 15 up to 30 AT )
Pour des applications particulières ( autres sensibilités, plage réduite, coupe, cambrage ), prière de nous consulter.
For special applications ( others pull-in-range, reduced range, cutting out, bending ), please contact us.
Durée de vie ( Charges résistives ) /
12 V = ; 4 mA
1 . 106
Life expectancy ( Resistive load )



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AC011015REED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
AD810XXXXXREED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
AI02REED SWITCH NORMALY OPEN DRY CONTACT 1 2 3 celduc-relais
AI03REED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
AI42REED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
AC03REED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
AC05REED SWITCH NORMALY OPEN DRY CONTACT 1 2 3 4 5 Morecelduc-relais
AC11REED SWITCH NORMALY OPEN DRY CONTACT 1 2 celduc-relais
RI-27Dry Reed Switch 1 2 Coto Technology
RI-29Dry Reed Switch 1 2 Coto Technology

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl