Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1729CMS8-4.2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1729CMS8-4.2
Description  Li-Ion Battery Charger Termination Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1729CMS8-4.2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1729CMS8-4.2 Datasheet HTML 4Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 5Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 6Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 7Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 8Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 9Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 10Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 11Page - Linear Technology LTC1729CMS8-4.2 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1729 Series
VMAX = 1V
VMIN = 0V
4.5V/CELL
BATTERY CLAMP
PULL-DOWN
ON
VMAX = 0V
VMIN = 0V
2.7V/CELL
NORMAL CHARGE
VMAX = 0V
VMIN = 1V
TRICKLE CHARGE
PRECONDITIONING
1729 F04
HOLD MODE
2.79V
HOLD MODE
0.2V
RESET MODE
NORMAL CHARGE
0.405V
1729 F05
When the input supply is removed in step-down charger
designs, the VCC pin does not drop to 0V, but is held to a
diode drop below the battery voltage. This is due to the
internal parasitic diode from the SW pin to the VCC pin that
is present in the LT1510, LT1511, LT1769, and the body
diode of the top MOSFET in the LT1505 charger. Remov-
ing the input supply will result in the VCC pin dropping
below the UVLO threshold, thus shutting down the LTC1729
and minimizing battery drain. Once the input supply is
connected, the LTC1729 resets the timers and begins
another charge cycle. There is a disconnect transistor that
will remove the OVP resistor divider from the battery when
the VCC voltage drops below the UVLO threshold.
If external circuitry is connected directly to the VCC pin and
the input power is removed, battery current will flow
through the charger’s internal parasitic diode (SW pin to
VCC pin), discharging the battery and possibly damaging
the charger if currents greater than 1A are present. If
external circuitry is used, connect it directly to the input
power source (which is the anode of the input Schottky
diode).
The logic and timer block consists of a state machine,
oscillator and counter. The state machine will be dis-
cussed in detail in the next section. The oscillator is
internally trimmed to 131kHz. The counter is composed of
a chain of 25 flip-flops that includes self-test circuitry.
Figure 4. BAT Voltage Operating Range
Figure 5. NTC Voltage Operating Range
For a battery that has been deeply discharged, the LTC1729
provides a 12mA start-up current. This preconditioning
trickle charge begins when the battery voltage drops
below 2.7V/cell. Comparator COMP3 is used to determine
when this condition exists. The battery operating range is
summarized in Figure 4.
With a 10k negative TC thermistor connected to the NTC
pin, the LTC1729 will disable charging if the temperature
is not in the 0
°C to 50°C range. A thermistor must be
present at this pin, or if the temperature qualification
feature is not used, a 10k resistor must be used in its place.
This pin should not be left open. The NTC thermistor
monitoring circuits consist of COMP4, COMP5 and COMP6.
The NTC pin voltage range is shown in Figure 5.
Comparators COMP4 and COMP5 signal the logic when
the temperature is below 0
°C or above 50°C. The 100µA
bias current through the 10k
Ω thermistor will generate
2.79V at 0
°C and 0.405V at 50°C. The voltage hysteresis
on COMP4 and COMP5 is designed to give 10
°C of
temperature hysteresis. If the voltage on the NTC pin
drops below 0.2V, the comparator COMP6 generates a
reset to the logic and timer block.
To provide accurate charge voltages, the internal resistor
divider is trimmed to provide a precise
±0.2% voltage of
2.465V at the OVP pin for the four battery voltage options
of 4.1V, 4.2V, 8.2V and 8.4V.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1729CMS8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729CMS8-4.2 LINER-LTC1729CMS8-4.2 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
More results

Similar Description - LTC1729CMS8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1729 LINER-LTC1729_15 Datasheet
231Kb / 16P
   Li-Ion Battery Charger Termination Controllers
LTC1729 LINER-LTC1729 Datasheet
200Kb / 12P
   Li-Ion Battery Charger Termination Controllers
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
   Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com