Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1709-8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1709-8
Description  2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709-8 Datasheet(HTML) 5 Page - Linear Technology

  LTC1709-8 Datasheet HTML 1Page - Linear Technology LTC1709-8 Datasheet HTML 2Page - Linear Technology LTC1709-8 Datasheet HTML 3Page - Linear Technology LTC1709-8 Datasheet HTML 4Page - Linear Technology LTC1709-8 Datasheet HTML 5Page - Linear Technology LTC1709-8 Datasheet HTML 6Page - Linear Technology LTC1709-8 Datasheet HTML 7Page - Linear Technology LTC1709-8 Datasheet HTML 8Page - Linear Technology LTC1709-8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC1709-8/LTC1709-9
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Input Voltage
and Mode (Figure 12)
EXTVCC Voltage Drop
INTVCC and EXTVCC Switch
Voltage vs Temperature
INPUT VOLTAGE (V)
05
0
400
1000
10
20
25
170989 G04
200
800
600
15
30
35
ON
SHUTDOWN
CURRENT (mA)
0
150
200
250
40
170989 G05
100
50
0
10
20
30
50
TEMPERATURE (
°C)
–50
4.95
5.00
5.05
25
75
170989 G06
4.90
4.85
–25
0
50
100
125
4.80
4.70
4.75
INTVCC VOLTAGE
EXTVCC SWITCHOVER THRESHOLD
Maximum Current Sense Threshold
vs Percent of Nominal Output
Voltage (Foldback)
Internal 5V LDO Line Regulation
Maximum Current Sense Threshold
vs Duty Factor
INPUT VOLTAGE (V)
0
4.8
4.9
5.1
15
25
170989 G07
4.7
4.6
510
20
30
35
4.5
4.4
5.0
ILOAD = 1mA
DUTY FACTOR (%)
0
0
25
50
75
20
40
60
80
170989 G08
100
PERCENT ON NOMINAL OUTPUT VOLTAGE (%)
0
40
50
60
100
170989 G09
30
20
0
25
50
75
10
80
70
Maximum Current Sense Threshold
vs VRUN/SS (Soft-Start)
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Current Sense Threshold
vs ITH Voltage
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
170989 G10
56
VSENSE(CM) = 1.6V
COMMON MODE VOLTAGE (V)
0
72
76
80
4
170989 G11
68
64
60
1
2
3
5
VITH (V)
0
30
50
70
90
2
170989 G12
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5


Similar Part No. - LTC1709-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8 Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com