Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1708-PG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1708-PG
Description  Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1708-PG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1708-PG Datasheet HTML 4Page - Linear Technology LTC1708-PG Datasheet HTML 5Page - Linear Technology LTC1708-PG Datasheet HTML 6Page - Linear Technology LTC1708-PG Datasheet HTML 7Page - Linear Technology LTC1708-PG Datasheet HTML 8Page - Linear Technology LTC1708-PG Datasheet HTML 9Page - Linear Technology LTC1708-PG Datasheet HTML 10Page - Linear Technology LTC1708-PG Datasheet HTML 11Page - Linear Technology LTC1708-PG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1708-PG
1708f
RUN/SS1, RUN/SS2 (Pins 1, 23): Combination of soft-
start, run control inputs and short-circuit detection timers.
A capacitor to ground at each of these pins sets the ramp
time to full output current. Forcing either of these pins
back below 1.0V causes the IC to shut down the circuitry
required for that particular controller. Latchoff overvolt-
age protection is also invoked via this pin as described in
the Applications Information section.
SENSE1+, SENSE2+ (Pins 2, 14): The (+) Input to the
Differential Current Comparators. The Ith pin voltage and
built-in offsets between the SENSEand SENSE+ pins in
conjunction with RSENSE sets the current trip threshold.
SENSE1, SENSE2(Pins 3, 13): The (–) Input to the
Differential Current Comparators.
EAIN1, EAIN2 (Pins 4, 12): Receives the remotely sensed
feedback voltage for each controller from a resistive
divider across the output. The VID section may be used for
one resistive divider.
FREQSET (Pin 5): Frequency Control Input to the Oscilla-
tor. This pin can be left open, tied to ground, tied to INTVCC
or driven by an external voltage source. This pin can also
be used with an external phase detector to build a true
phase-locked loop.
STBYMD (Pin 6): Control pin that determines which cir-
cuitry remains active when the controllers are shut down
and/or provides a common control point to shut down
both controllers. See the Operation section for details.
FCB (Pin 7): Forced Continuous Control Input. This input
acts on both controllers and is normally used to regulate
a secondary winding using a resistive divider. An applied
input voltage below 0.8V will force continuous synchro-
nous operation on both controllers. Do not leave this pin
floating.
ITH1, ITH2 (Pins 8, 11): Error Amplifier Output and Switch-
ing Regulator Compensation Point. Each associated chan-
nels’ current comparator trip point increases with this
control voltage.
SGND (Pin 9): Small-Signal Ground. Common to both
controllers, this pin must be routed separately from high
current grounds to the common (–) terminals of the
COUT capacitors.
3.3VOUT (Pin 10): Output of a linear regulator capable of
supplying 10mA DC with peak currents as high as 50mA.
ATTNOUT (Pin 15): Divided down output voltage feeding
the EAIN pin of the regulator. The VID inputs program a
resistive divider between ATTNIN and SGND. ATTNOUT is
the tap point on the divider. The voltage on ATTNOUT is
0.8V when the output is in regulation. This pin can be
bypassed to SGND with 50pF.
ATTNIN (Pin 16): Receives the remotely sensed feedback
voltage from the output.
VID0 to VID4 (Pins 17 to 21): Digital inputs for controlling
the output voltage from 0.925V to 2.0V. Table 1 specifies
the output voltage for the 32 combinations of digital
inputs. The LSB (VID0) represents 50mV increments in
the upper voltage range (2.00V to 1.30V) and 25mV
increments in the lower voltage range (1.275V to 0.925V).
Logic Low = GND, Logic High = VIDVCC or Float.
VIDVCC (Pin 22): VID Input Supply Voltage. Range from
2.7V to 5.5V. Typically this pin is tied to INTVCC.
PGND (Pin 28): Driver Power Ground. Connects to the
sources of bottom (synchronous) N-channel MOSFETs, an-
ode of the Schottky rectifier and the (–) terminal(s) of CIN.
INTVCC (Pin 29): Output of the Internal 5V Linear Low
Dropout Regulator and the EXTVCC Switch. The driver and
control circuits are powered from this voltage source. Must
be decoupled to power ground with a minimum of 4.7
µF
tantalum or other low ESR capacitor. The INTVCC regulator
standby function is determined by the STBYMD pin.
EXTVCC (Pin 30): External Power Input to an Internal
Switch Connected to INTVCC. This switch closes and
supplies VCC power, bypassing the internal low dropout
regulator, whenever EXTVCC is higher than 4.7V. See
EXTVCC connection in Applications Information section.
Do not exceed 7V on this pin.
BG1, BG2 (Pins 31, 27): High Current Gate Drives for
Bottom (Synchronous) N-Channel MOSFETs. Voltage
swing at these pins is from ground to INTVCC.
VIN (Pin 32): Main Supply Pin. A bypass capacitor should
be tied between this pin and the signal ground pin.
PI FU CTIO S


Similar Part No. - LTC1708-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG Datasheet
358Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller
LTC1708-PG LINER-LTC1708-PG Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC1708-PG LINER-LTC1708-PG Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
More results

Similar Description - LTC1708-PG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1708-PG LINER-LTC1708-PG_15 Datasheet
340Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck DC/DC Controller
LTC1708-PG LINER-LTC1708-PG Datasheet
358Kb / 32P
   Dual Adjustable 5-Bit VID High Efficiency, 2-Phase Current Mode Synchronous Buck Regulator Controller
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709-85 LINER-LTC1709-85 Datasheet
317Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com