Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHP5800 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLHP5800
Description  High Efficiency LED, 5 mm Untinted Non-Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHP5800 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHP5800 Datasheet HTML 1Page - Vishay Siliconix TLHP5800 Datasheet HTML 2Page - Vishay Siliconix TLHP5800 Datasheet HTML 3Page - Vishay Siliconix TLHP5800 Datasheet HTML 4Page - Vishay Siliconix TLHP5800 Datasheet HTML 5Page - Vishay Siliconix TLHP5800 Datasheet HTML 6Page - Vishay Siliconix TLHP5800 Datasheet HTML 7Page - Vishay Siliconix TLHP5800 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLH.5800
Vishay Telefunken
2 (8)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83013
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHY5800 ,TLHG5800 ,TLHP5800 ,
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
DC forward current
Tamb ≤ 65°C
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
1
A
Power dissipation
Tamb ≤ 65°C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–20 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
350
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
Yellow (TLHY5800 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
IV
100
250
mcd
Dominant wavelength
IF = 10 mA
ld
581
594
nm
Peak wavelength
IF = 10 mA
lp
585
nm
Angle of half intensity
IF = 10 mA
ϕ
±4
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Green (TLHG5800 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 20 mA, IVmin/IVmax ≥ 0.5
IV
400
700
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±4
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF


Similar Part No. - TLHP5800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHP510 VISHAY-TLHP510 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHP5100 VISHAY-TLHP5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHP5101 VISHAY-TLHP5101 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHP5102 VISHAY-TLHP5102 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
More results

Similar Description - TLHP5800

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB510 VISHAY-TLHB510_05 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB580 VISHAY-TLHB580 Datasheet
73Kb / 5P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. A1, 04-Feb-99
TLHB510 VISHAY-TLHB510 Datasheet
72Kb / 5P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. A1, 04-Feb-99
TLHB580 VISHAY-TLHB580_05 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHG5800 VISHAY-TLHG5800_V01 Datasheet
111Kb / 5P
   High Efficiency LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
   High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Rev. 1.9, 31-Aug-04
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com