Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLLR440 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLLR440
Description  Low Current LED in 짰3 mm Tinted Diffused Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLLR440 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLLR440 Datasheet HTML 1Page - Vishay Siliconix TLLR440 Datasheet HTML 2Page - Vishay Siliconix TLLR440 Datasheet HTML 3Page - Vishay Siliconix TLLR440 Datasheet HTML 4Page - Vishay Siliconix TLLR440 Datasheet HTML 5Page - Vishay Siliconix TLLR440 Datasheet HTML 6Page - Vishay Siliconix TLLR440 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLL.440.
Vishay Telefunken
3 (7)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83029
Green
(TLLG440. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 2 mA, IVmin/IVmax ≥ 0.5
TLLG4400
IV
0.63
1.2
mcd
y
F
Vmin Vmax
TLLG4401
IV
1
2
mcd
Dominant wavelength
IF = 2 mA
ld
562
575
nm
Peak wavelength
IF = 2 mA
lp
565
nm
Angle of half intensity
IF = 2 mA
ϕ
±25
deg
Forward voltage
IF = 2 mA
VF
1.9
2.4
V
Reverse voltage
IR = 10 mA
VR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
5
10
15
20
25
Tamb – Ambient Temperature ( °C )
100
95 10048
Figure 1 Power Dissipation vs. Ambient Temperature
0
20
406080
0
2
4
6
8
10
Tamb – Ambient Temperature ( °C )
100
95 10049
Figure 2 Forward Current vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10060
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 3 Rel. Luminous Intensity vs.
Angular Displacement
0
1
234
0.1
1
10
100
VF – Forward Voltage ( V )
5
95 10050
High Efficiency Red
tp/T=0.001
tp=10ms
Figure 4 Forward Current vs. Forward Voltage


Similar Part No. - TLLR440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLLR440 VISHAY-TLLR440 Datasheet
198Kb / 9P
   Low Current LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLLR440. VISHAY-TLLR440. Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR440. VISHAY-TLLR440. Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLLR4400 VISHAY-TLLR4400 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLR4400 VISHAY-TLLR4400 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
More results

Similar Description - TLLR440

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLLR540 VISHAY-TLLR540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLLG440 VISHAY-TLLG440_V01 Datasheet
198Kb / 9P
   Low Current LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLLG540 VISHAY-TLLG540_V01 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLUR440 VISHAY-TLUR440 Datasheet
117Kb / 5P
   Universal LED in 3 mm Tinted Diffused Package
Rev. 1.7, 14-Jun-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com