Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1347CNW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1347CNW
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347CNW Datasheet(HTML) 3 Page - Linear Technology

  LTC1347CNW Datasheet HTML 1Page - Linear Technology LTC1347CNW Datasheet HTML 2Page - Linear Technology LTC1347CNW Datasheet HTML 3Page - Linear Technology LTC1347CNW Datasheet HTML 4Page - Linear Technology LTC1347CNW Datasheet HTML 5Page - Linear Technology LTC1347CNW Datasheet HTML 6Page - Linear Technology LTC1347CNW Datasheet HTML 7Page - Linear Technology LTC1347CNW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1347
1347fa
Note 3: Supply current and leakage current measurements in Shutdown
are performed with VON/OFF = 0V.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Supply current is measured with driver and receiver outputs
unloaded.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Slew Rate
RL = 3k, CL = 51pF
8
30
V/µs
RL = 3k, CL = 2500pF
3
5
V/µs
Driver Propagation Delay
tHLD (Figure 1)
2
3.5
µs
(TTL to RS232)
tLHD (Figure 1)
2
3.5
µs
Receiver Propagation Delay
tHLR (Figure 2)
0.3
0.8
µs
(RS232 to TTL)
tLHR (Figure 2)
0.2
0.8
µs
AC CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Driver Output Voltage
TEMPERATURE (°C)
–40
–8
–6
–2
0
2
40
10
1347 G01
–4
0
100
4
6
8
–20
20
60
80
RL = 3k
OUTPUT HIGH
VCC = 5V
VCC = 4.5V
OUTPUT LOW
VCC = 4.5V
VCC = 5V
DATA RATE (kBAUD)
0
150
45
40
35
30
25
20
15
10
5
0
1347 G03
50
175
25
75
100
125
VCC = 5V
RL = 3k
CL = 2500pF
3 DRIVERS ACTIVE
Supply Current vs Data Rate
TEMPERATURE (˚C)
–40
1.8
2.0
2.2
20
60
1347 G02
1.6
1.4
–20
0
40
80
100
1.2
1.0
VTH
VTL
Receiver Input Thresholds
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Generator
V+ Output Voltage
IOUT = 0mA
8.0
V
IOUT = 12mA
7.5
V
VOutput Voltage
IOUT = 0mA
– 8.0
V
IOUT = – 12mA
– 7.0
V
Supply Rise Time
Shutdown to Turn-On
0.2
ms
Power Supply
VCC Supply Current
No Load (All Drivers VIN = 5V)(Note 2)
0.6
1.1
mA
No Load (All Drivers VIN = 0V) (Note 2)
0.8
1.3
mA
Shutdown (Note 3)
80.0
120.0
µA
On/Off Threshold Low
1.4
0.8
V
On/Off Threshold High
2.0
1.4
V
The denotes specifications which apply over the full operating
temperature range. VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.
The denotes specifications which apply over the full operating temperature range.
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.


Similar Part No. - LTC1347CNW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347CN LINER-LTC1347CN Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results

Similar Description - LTC1347CNW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com