Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1347 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1347
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1347 Datasheet(HTML) 1 Page - Linear Technology

  LTC1347_1 Datasheet HTML 1Page - Linear Technology LTC1347_1 Datasheet HTML 2Page - Linear Technology LTC1347_1 Datasheet HTML 3Page - Linear Technology LTC1347_1 Datasheet HTML 4Page - Linear Technology LTC1347_1 Datasheet HTML 5Page - Linear Technology LTC1347_1 Datasheet HTML 6Page - Linear Technology LTC1347_1 Datasheet HTML 7Page - Linear Technology LTC1347_1 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
LTC1347
1347fa
5V Low Power RS232
3-Driver/5-Receiver Transceiver
with 5 Receivers Active
in Shutdown
Low Supply Current: 300µA
Five Receivers Kept Alive in Shutdown
ESD Protection Over ±10kV
Operates from a Single 5V Supply
Uses Small Capacitors: 0.1µF
Operates to 120kBaud
Three-State Outputs Are High Impedance When Off
Output Overvoltage Does Not Force Current Back
into Supplies
RS232 I/O Lines Can Be Forced to ±25V
Without Damage
Pin Compatible with LT1137A and LT1237
Flowthrough Architecture
The LTC
®1347 is a 3-driver/5-receiver RS232 transceiver
with very low supply current. In the no load condition, the
supply current is only 300µA. The charge pump only
requires four 0.1µF capacitors.
In Shutdown mode, all five receivers are kept alive and the
supply current is 80µA. All RS232 outputs assume a high
impedance state in Shutdown and with the power off.
The LTC1347 is fully compliant with all data rate and
overvoltage RS232 specifications. The transceiver can
operate up to 120kbaud with a 2500pF, 3kΩ load. Both
driver outputs and receiver inputs can be forced to ±25V
without damage, and can survive multiple ±10kV ESD
strikes.
Notebook Computers
Palmtop Computers
3-Drivers/5-Receivers with Shutdown
Quiescent and Shutdown Supply Current
vs Temperature
1347 TA01
VCC
C1
0.1µF
LTC1347
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1µF
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
GND
NC
NC
V
V+
C2
0.1µF
C4
0.1µF
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
20
40
60
1347 TA02
80
0
–40
120
100
80
60
40
20
0
QUIESCENT
CURRENT
SHUTDOWN
CURRENT
TEST CONDITION:
VCC = 5V, ALL DRIVER INPUTS TIED TO VCC.
–20
100
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1347_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results

Similar Description - LTC1347_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1347 LINER-LTC1347_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
LTC1349 LINER-LTC1349 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in SHUTDOWN
LTC1349 LINER-LTC1349_15 Datasheet
125Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1349 LINER-LTC1349_1 Datasheet
119Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1338 LINER-LTC1338 Datasheet
222Kb / 8P
   5V Low Power RS232 5-Driver/3-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com