Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP110-9612J Datasheet(PDF) 4 Page - Emerson Network Power

Part # NLP110-9612J
Description  110 W ac-dc open frame power supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

NLP110-9612J Datasheet(HTML) 4 Page - Emerson Network Power

  NLP110-9612J Datasheet HTML 1Page - Emerson Network Power NLP110-9612J Datasheet HTML 2Page - Emerson Network Power NLP110-9612J Datasheet HTML 3Page - Emerson Network Power NLP110-9612J Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Embedded Power for
Business-Critical Continuity
Rev.02.19.07
NLP110 Medical
4 of 4
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
16th - 17th Floors, Lu Plaza
2 Wing Yip Street, Kwun Tong
Kowloon, Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.powerconversion.com
technicalsupport@powerconversion.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
DERATING CURVE
Output Power (Watts)
0
°C 10°C 20°C 30°C 40°C 50°C 60°C 70°C
40W
80W
110W
150 LFM FORCED
AIR COOLING
55W
NATURAL
CONVECTION
COOLING
0.23
(5.842)
6.50
(165.10)
1
T1 (REF.)
J4
J1
6.050
(153.670)
2.550
(64.770)
ALL DIMENSIONS IN INCHES (mm)
J2
J3
1
1
2
12
3.00
(76.20)
F1
J5
2
1
0.23
(5.842)
!
3
MAXIMUM COMPONENT
HEIGHT IS 1.26 (32.00)
Recommended direction
for forced air relative to
power supply orientation
shown below.
1
Optimum.
2
Very good.
3
Good.
4
Not recommended.
2
3
4
1
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Connection
Pin 3
AC Line
J3
Pin 1
V (A) Sense +
Pin 2
V (A) Sense -
J4
Pin 1
Safety Earth
J5
Pin 1
V (B) Sense +
Pin 2
V (B) Sense -
OUTPUT PIN CONNECTIONS
J2
SINGLE
TRIPLE
Pin 1
No Connection
V (B)
Pin 2
No Connection
V (B)
Pin 3
No Connection
V (B)
Pin 4
Return
Return
Pin 5
Return
Return
Pin 6
Return
Return
Pin 7
Return
Return
Pin 8
V (A)
V (A)
Pin 9
V (A)
V (A)
Pin 10
V (A)
V (A)
Pin 11
No Connection
V (C)
Pin 12
No Connection
V (C) Return (7)
Mechanical Notes
I nput and output connectors
Mating connectors
AC (J1) connector type
Molex 26-60-4030 or
equivalent.
AC (J1) mating connector type
Molex 09-50-3031 or equivalent
with Molex 08-50-0105 or
equivalent crimp terminals.
DC (J2) connector type
12 position Molex Spox type
26-48
1125 or equivalent.
DC (J2) mating connector type
Molex Spox type 26-03-3121
and contact 08-52-0113.
Sense (J3) connector type
Molex 22-23-2021 or
equivalent.
Sense (J3) mating
connector type
Molex 22-01-3027 and contact
08-50-0113.
Earth (J4) connector type
Male 0.250 quick disconnect.
Earth (J4) mating
connector type
Molex 90028.
Sense (J5) connector type
Leoco 2421P02H000.
Sense (J5) mating
connector type
Leoco 2420S020000 and
contact 2453TPB00V1.
A All dimensions are in inches (mm).


Similar Part No. - NLP110-9612J

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP110-9612J EMERSON-NETWORKPOWER-NLP110-9612J Datasheet
1Mb / 4P
   Provides low voltage outputs
More results

Similar Description - NLP110-9612J

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM40 CUI-VFM40 Datasheet
212Kb / 3P
   open frame AC/DC power supply
VFM100 CUI-VFM100 Datasheet
410Kb / 3P
   open frame ac-dc power supply
VFM05 CUI-VFM05 Datasheet
128Kb / 2P
   open frame AC/DC power supply
logo
Wall Industries,Inc.
PSSBU58 WALL-PSSBU58 Datasheet
94Kb / 2P
   AC/DC Open Frame Power Supply
logo
CUI INC
VFM10 CUI-VFM10 Datasheet
821Kb / 3P
   open frame AC/DC power supply
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-300APB18AA DELTA-MDS-300APB18AA Datasheet
870Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com