Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4-1E-4LD-LLE-00 Datasheet(PDF) 8 Page - Emerson Network Power

Part # MP4-1E-4LD-LLE-00
Description  Current share on all outputs with ratings of 10 A or greater
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

MP4-1E-4LD-LLE-00 Datasheet(HTML) 8 Page - Emerson Network Power

  MP4-1E-4LD-LLE-00 Datasheet HTML 1Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 2Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 3Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 4Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 5Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 6Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 7Page - Emerson Network Power MP4-1E-4LD-LLE-00 Datasheet HTML 8Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
143
www.astecpower.com
8
8--IIn
ncch
h C
Ca
asse
e S
Siizze
e:: MP1: 2.5” x 8” x 11” (63.5mm x 203.2mm x 279.4mm)
W
We
eiig
gh
htt:: MP1 Case: 5.0 lbs. • 36 W Triple: 0.5 lbs. • 210 W Single: 0.6 lbs. • 360
W Single: 1.0 lb. • 600 W Single: 2.0 lbs.
144 W Dual: 0.6 lb.
Notes
1. Input: Barrier type. Three No. 6-32 B.H. screws (0.375” centers). Max torque: 6 in-lbs (0.67 N-m).
2. Control connectors: (J1 and J2) 10 position housing, gold plated contacts. Mates with Molex 90142-0010 housing with 90119-2110 crimp contacts
(Molex C - Grid III Series) or AMP Model number 87977-3 with 87309-8 pins.
Connector kit includes mating connector and 10 pins, Astec part #70-841-004.
3. Chassis material: aluminum with chemical film coating (conductive.
4. All dimensions are in millimeters and inches, and are typical.
5. Customer mounting -3 sides M4, bottom also includes 8-32 mounting holes. Max. penetration is 0.150” (3.8mm). Max. torque: 5in-lbs.
6. Output module connections: All single O/P modules are M4 x 8mm screws. Max. torque: 10in-lbs.
Dual O/P module is M3 x 8mm screws. Max. torque: 5 in-lbs.
Triple O/P module is .045” square pins on .156 centers. Mates with Molex 09-50-8063 or equivalent.
2
1
MP Series
MP1 (1000/1200 Watts Max)


Similar Part No. - MP4-1E-4LD-LLE-00

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
MP4-1E-4LD-LLE-00 ASTEC-MP4-1E-4LD-LLE-00 Datasheet
411Kb / 8P
   400-1200 Watts
More results

Similar Description - MP4-1E-4LD-LLE-00

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
GNR10DHZ CRYDOM-GNR10DHZ Datasheet
1Mb / 6P
   Current ratings of 10, 20 and 30 amps
logo
JMK Inc.
AA-0440-6 JMK-AA-0440-6 Datasheet
200Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-3 JMK-FF-0440-3 Datasheet
270Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-10 JMK-FF-0440-10 Datasheet
228Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-3 JMK-AA-0440-3 Datasheet
237Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
AA-0440-8 JMK-AA-0440-8 Datasheet
198Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
FF-0440-6 JMK-FF-0440-6 Datasheet
230Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
AA-0440-10 JMK-AA-0440-10 Datasheet
203Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps.
FF-0440-8 JMK-FF-0440-8 Datasheet
267Kb / 1P
   This filter series is available with current ratings of 3,6,8, and 10 amps
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com