Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSA339 Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # SSA339
Description  DOUBLE 5mm LED CIRCUIT BOARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA339 Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  SSA339 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA339 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.85
6.0
1.2
5.0
4
3.17
2.54
+
-
POSITION 1
9.0
0.5 SQUARE
.0
-
+
POSITION 2
6.35
12.7
2.54
4.7
4.2
SSA 339
DOUBLE 5mm LED
CIRCUIT BOARD
The SSA339 is a double 5mm LED
assembly for mounting at 90 deg
to a
PCB. The housing is moulded in Black
Nylon 6 V0 rated.
Diffuse LEDs used in standard part.
Range
of
colours
and
currents
available,
Direct equivalent to Lumex SSF-
LXM250LXXD Series
Colour and polarity options.
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
26.1.01 ISS A
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA339

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SSA330 FRONTIER-SSA330 Datasheet
113Kb / 1P
   SOLID STATE ARRESTER (190 . 400 VOLTS)
logo
Vishay Siliconix
SSA33L VISHAY-SSA33L Datasheet
63Kb / 2P
   High-Current Density Surface Mount Schottky Rectifier
16-Jun-04
SSA33L VISHAY-SSA33L Datasheet
104Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 19-May-08
SSA33L VISHAY-SSA33L Datasheet
81Kb / 4P
   High-Current Density Surface Mount Schottky Rectifier
Revision: 20-Apr-11
logo
Shenzhen Taychipst Elec...
SSA33L TAYCHIPST-SSA33L Datasheet
9Mb / 2P
   High-Current Density Surface Mount Schottky Rectifier
More results

Similar Description - SSA339

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
   5mm LED CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
561-XX0X-XXX DIALIGHT-561-XX0X-XXX Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
logo
Everlight Electronics C...
A93B-SYGT-S530-E3 EVERLIGHT-A93B-SYGT-S530-E3 Datasheet
101Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com