Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSA021 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SSA021
Description  7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SSA021 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SSA021 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SSA021 Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
PARAMETER
High Efficiency Red
Yellow
Green
UNITS
CONTINUOUS FORWARD CURRENT
20
20
25
mA
FORWARD CURRENT SURGE (Pulse
Width 1ms, Duty 1/5)
60
60
60
mA
POWER DISSIPATION Tamb<60 C
60
60
75
mW
REVERSE VOLTAGE
5
5
5
V
STORAGE TEMP
-30 to +100
OC
SOLDERING TEMPERATURE (1.6mm
below body for 5 sec)
OPERATING TEMP
-25 to +85
OC
ORDERING INFORMATION
SSA-021 X X X etc
where 1st X = 1st element
To specify your requirement,please state:-
X
=
R = Red
1/
SSA021
Y = Yellow
2/
The combination of LEDS in
G = Green
order.A custom part number
will be issued to cover your
COLOUR
Luminous
Intensity
mcd
Viewing
Angle
(1) deg
Peak Wavelength
nm
Forward
Voltage
Volts
Reverse Current
Vr = 3V
μA
RED
min
typ
2.2
6.3
40
650
2.0
YELLOW
min
typ
2.2
6.3
40
585
2.1
GREEN
min
typ
3.6
-
40
563
2.1
OPTO ELECTRONIC DATA (If = 10mA)
NOTES:
1
Viewing angle is the off-axis angle at which luminous intensity is half the
axial luminous intensity.
SSA021
6.2.00 ISS A
Pb
This
component
is RoHS
compliant


Similar Part No. - SSA021

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
   8 WAY 5mm LED ASSEMBLY
logo
celduc-relais
SSA05320 CELDUC-SSA05320 Datasheet
99Kb / 4P
   Support Interfaces E/S DIN rail adaptor for I/O modules
More results

Similar Description - SSA021

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-099 BOT-SSA-099 Datasheet
34Kb / 2P
   5mm LED ASSEMBLY 3 WAY
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
   4 Way 3mm LED Array 90 deg Mount
SSA019 BOT-SSA019 Datasheet
36Kb / 2P
   8 WAY 5mm LED ASSEMBLY
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
List of Unclassifed Man...
PL506 ETC2-PL506 Datasheet
24Kb / 1P
   5mm LED Single Right Angle Holder
logo
P-tec Corporation
PL501-1R12 P-TEC-PL501-1R12 Datasheet
30Kb / 1P
   5mm LED Single Right Angle Holder
PL505-1Y01 P-TEC-PL505-1Y01 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
PL506-1G13 P-TEC-PL506-1G13 Datasheet
29Kb / 1P
   5mm LED Single Right Angle Holder
logo
LUMEX INC.
SSF-LXH250LYYD LUMEX-SSF-LXH250LYYD Datasheet
45Kb / 1P
   T-5mm LED RIGHT ANGLE INDICATOR
SSF-LX453LGD-99 LUMEX-SSF-LX453LGD-99 Datasheet
69Kb / 1P
   T-5mm RIGHT ANGLE LED INDICATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com