Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORE9801GL Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # ORE9801GL
Description  Low Current CIRCUIT BOARD INDICATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

ORE9801GL Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  ORE9801GL Datasheet HTML 1Page - Bedford Opto Technology Ltd. ORE9801GL Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
ORDERING INFORMATION
SINGLE LED ——
ORE 9801XL
Indicate colour by using X =
R= Red
Y= Yellow
G= Green
Other colours and low current units available on request.
COLOUR
Peak
wavelength
nm
Viewing
Angle
1/2
deg
Lumenous
Intensity
[If = 2mA]
mcd
Min
Typ
Forward Voltage
[If = 20mA]
Volts
Max
Reverse Voltage
[Ir = 10
µA]
Volts
Min
RED
635
50
1
2
2.4
6
YELLOW
586
50
1
2
2.9
6
GREEN
565
50
1
2
2.4
6
OPTO ELECTRONIC DATA (TA = 25OC)
ORE 9801XL
PARAMETER
RED, YELLOW,
GREEN
Peak Forward Current
1A
Continuous Forward Current
30mA
Power Dissipation [Tamb<60OC]
100mW
Reverse Voltage
6V
Storage Temperature
-55OC to +100OC
Operating Temperature Range
-20OC to +100OC
OPTO ELECTRONIC SOLUTIONS
4.4.00 ISS A


Similar Part No. - ORE9801GL

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORE9801G BOT-ORE9801G Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
More results

Similar Description - ORE9801GL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Bedford Opto Technology...
ORE9801 BOT-ORE9801 Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9601 BOT-ORE9601 Datasheet
57Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
logo
Everlight Electronics C...
A694B-SYGUY-S530-A3 EVERLIGHT-A694B-SYGUY-S530-A3 Datasheet
148Kb / 9P
   3.0mm 2pcs Circuit Board Indicator
logo
Visual Communications C...
6321F VCC-6321F Datasheet
105Kb / 1P
   T-1 Circuit Board Indicator
logo
Everlight Electronics C...
A1479-1B-SURSYGW-S530-A3 EVERLIGHT-A1479-1B-SURSYGW-S530-A3 Datasheet
419Kb / 7P
   5.0mm 1pcs Circuit Board Indicator
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
   Space saving Circuit Board Indicator
logo
Everlight Electronics C...
A93B-SYGT-S530-E3 EVERLIGHT-A93B-SYGT-S530-E3 Datasheet
101Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A93B-SYG-S530-E2 EVERLIGHT-A93B-SYG-S530-E2 Datasheet
99Kb / 6P
   4.7mm 1Pcs Circuit Board Indicator
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com