Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHB510 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHB510
Description  High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHB510 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHB510 Datasheet HTML 1Page - Vishay Siliconix TLHB510 Datasheet HTML 2Page - Vishay Siliconix TLHB510 Datasheet HTML 3Page - Vishay Siliconix TLHB510 Datasheet HTML 4Page - Vishay Siliconix TLHB510 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLHB510.
Vishay Telefunken
1 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83018
High Efficiency Blue LED,
ø 5 mm Untinted Non - Diffused Package
Color
Type
Technology
Angle of Half Intensity
±ö
Blue
TLHB510.
GaN on SiC
9
°
Description
This device has been designed in GaN on SiC
technology to meet the increasing demand for high
efficiency blue LEDs.
It is housed in a 5 mm waterclear plastic package.
All LEDs are categorized in luminous intensity groups.
That allows users to assemble LEDs with uniform
appearance.
Features
D GaN on SiC technology
D Standard ø 5 mm T-1 3/4 package
D Small mechanical tolerances
D Small viewing angle
D Very high intensity
D Luminous intensity categorized
D ESD class 1
94 8631
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light


Similar Part No. - TLHB510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB510. VISHAY-TLHB510. Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB5100 VISHAY-TLHB5100 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB5102 VISHAY-TLHB5102 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB510 VISHAY-TLHB510_05 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
More results

Similar Description - TLHB510

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHB510 VISHAY-TLHB510_05 Datasheet
163Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.5, 30-Aug-04
TLHB580 VISHAY-TLHB580 Datasheet
73Kb / 5P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. A1, 04-Feb-99
TLHB580 VISHAY-TLHB580_05 Datasheet
167Kb / 6P
   High Efficiency Blue LED, 5 mm Untinted Non - Diffused Package
Rev. 1.6, 30-Aug-04
TLHG5800 VISHAY-TLHG5800_V01 Datasheet
111Kb / 5P
   High Efficiency LED, 횠 5 mm Untinted Non-Diffused Package
09-Jul-2021
TLHY5800 VISHAY-TLHY5800 Datasheet
101Kb / 8P
   High Efficiency LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
VLCPG5100 VISHAY-VLCPG5100 Datasheet
611Kb / 6P
   Ultrabright LED, 5 mm Untinted Non-Diffused Package
Rev. 1.2, 29-Apr-13
VLCS5230 VISHAY-VLCS5230 Datasheet
552Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
VLCS5130 VISHAY-VLCS5130 Datasheet
555Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 25-Apr-13
VLCS5830 VISHAY-VLCS5830 Datasheet
554Kb / 5P
   High Brightness LED, 5 mm Untinted Non-Diffused Package
Rev. 1.3, 24-Apr-13
TLCX510 VISHAY-TLCX510 Datasheet
163Kb / 13P
   Ultrabright LED, 횠 5 mm Untinted Non-Diffused Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com