Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AZ23C11
Description  300 mW Dual Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AZ23C11 Datasheet(HTML) 2 Page - Vishay Siliconix

  AZ23C11 Datasheet HTML 1Page - Vishay Siliconix AZ23C11 Datasheet HTML 2Page - Vishay Siliconix AZ23C11 Datasheet HTML 3Page - Vishay Siliconix AZ23C11 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AZ23C2V7–AZ23C51
Vishay Telefunken
Rev. 1, 01-Apr-99
2 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85591
Type
Marking
VZ
ZZT
ZZK
TC
VR
AZ23C...
V
W
W
%/
°C
V
@ IZT=5mA
@ IZT=5mA @ IZT=1mA
@ IR=0.1mA
2V7
KD1
2.5 to 2.9
83
500
–0.065
3V0
KD2
2.8 to 3.2
95
500
–0.060
3V3
KD3
3.1 to 3.5
95
500
–0.055
3V6
KD4
3.4 to 3.8
95
500
–0.055
3V9
KD5
3.7 to 4.1
95
500
–0.050
4V3
KD6
4.0 to 4.6
95
500
–0.035
4V7
KD7
4.4 to 5.0
78
500
–0.015
5V1
KD8
4.8 to 5.4
60
480
+0.005
0.8
5V6
KD9
5.2 to 6.0
40
400
+0.020
1.0
6V2
KDA
5.8 to 6.6
10
200
+0.030
2.0
6V8
KDB
6.4 to 7.2
8
150
+0.045
3.0
7V5
KDC
7.0 to 7.9
7
50
+0.050
5.0
8V2
KDD
7.7 to 8.7
7
50
+0.055
6.0
9V1
KDE
8.5 to 9.6
10
50
+0.065
7.0
10
KDF
9.4 to 10.6
15
70
+0.065
7.5
11
KDG
10.4 to 11.6
20
70
+0.070
8.5
12
KDH
11.4 to 12.7
20
90
+0.075
9.0
13
KDI
12.4 to 14.1
25
110
+0.080
10.0
15
KDJ
13.8 to 15.6
30
110
+0.080
11.0
16
KDK
15.3 to 17.1
40
170
+0.090
12.0
18
KDL
16.8 to 19.1
50
170
+0.090
14.0
20
KDM
18.8 to 21.2
50
220
+0.090
15.0
22
KDN
20.8 to 23.3
55
220
+0.090
17.0
24
KDO
22.8 to 25.6
80
220
+0.090
18.0
27
KDP
25.1 to 28.9
80
250
+0.090
20.0
30
KDQ
28 to 32
80
250
+0.090
22.5
33
KDR
31 to 35
80
250
+0.090
25.0
36
KDS
34 to 38
90
250
+0.090
27.0
39
KDT
37 to 41
90
300
+0.110
29.0
43
KDU
40 to 46
100
700
+0.110
32.0
47
KDV
44 to 50
100
750
+0.110
35.0
51
KDW
48 to 54
100
750
+0.110
38.0
1) Device on fiberglass substrate
2) Tested with IZT current pulses. Pulse width = 5 ms.


Similar Part No. - AZ23C11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C11 DIODES-AZ23C11 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Jiangsu Changjiang Elec...
AZ23C11 JIANGSU-AZ23C11 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C11 DIODES-AZ23C11 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Diode Semiconductor Kor...
AZ23C11 DSK-AZ23C11 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
AZ23C11 TSC-AZ23C11 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - AZ23C11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
   300 mw Dual Surface Mount Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com