Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1297DCJ8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1297DCJ8
Description  Single Chip 12-Bit Data Acquisition Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1297DCJ8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1297DCJ8 Datasheet HTML 1Page - Linear Technology LTC1297DCJ8 Datasheet HTML 2Page - Linear Technology LTC1297DCJ8 Datasheet HTML 3Page - Linear Technology LTC1297DCJ8 Datasheet HTML 4Page - Linear Technology LTC1297DCJ8 Datasheet HTML 5Page - Linear Technology LTC1297DCJ8 Datasheet HTML 6Page - Linear Technology LTC1297DCJ8 Datasheet HTML 7Page - Linear Technology LTC1297DCJ8 Datasheet HTML 8Page - Linear Technology LTC1297DCJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1292/LTC1297
12927fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fCLK
Clock Frequency
VCC = 5V (Note 6)
(Note 9)
1.0
MHz
tSMPL
Analog Input Sample Time
See Operating Sequence
LTC1292
1.5CLK
LTC1297
0.5CLK+5.5
µs
tCONV
Conversion Time
See Operating Sequence
12
CLK
Cycles
tCYC
Total Cycle Time
See Operating Sequence
LTC1292
14CLK+2.5
µs
(Note 6)
LTC1297
14CLK+6
µs
tdDO
Delay Time, CLK
↓ to DOUT Data Valid
See Test Circuits
q
160
300
ns
tdis
Delay Time, CS
↑ to DOUT Hi-Z
See Test Circuits
q
80
150
ns
ten
Delay Time, CLK
↓ to DOUT Enabled
See Test Circuits
q
80
200
ns
thDO
Time Output Data Remains Valid After CLK
130
ns
tf
DOUT Fall Time
See Test Circuits
q
65
130
ns
tr
DOUT Rise Time
See Test Circuits
q
25
50
ns
tWHCLK
CLK High Time
VCC = 5V (Note 6)
300
ns
tWLCLK
CLK Low Time
VCC = 5V (Note 6)
400
ns
tsuCS
Setup Time, CS
↓ Before CLK↑
VCC = 5V (Note 6)
LTC1292
50
ns
(LTC1297 Wakeup Time)
LTC1297
5.5
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 5V (Note 6)
LTC1292
2.5
µs
LTC1297
0.5
µs
tWLCS
CS Low Time During Data Transfer
VCC = 5V (Note 6)
LTC1292
14CLK
LTC1297
14CLK+ 5.5
µs
CIN
Input Capacitance
Analog Inputs On Channel
100
pF
Analog Inputs Off Channel
5
pF
Digital Inputs
5
pF
AC CHARACTERISTICS
LTC1292B/LTC1297B
LTC1292C/LTC1297C
LTC1292D/LTC1297D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.0
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
–2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = –10µA
4.7
V
IO = 360µA
q
2.4
4.0
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
High Z Output Leakage
VOUT = VCC, CS High
q
3
µA
VOUT = 0V, CS High
q
–3
µA
ISOURCE
Output Source Current
VOUT = 0V
–20
mA
ISINK
Output Sink Current
VOUT = VCC
20
mA
LTC1292B/LTC1297B
LTC1292C/LTC1297C
LTC1292D/LTC1297D
DIGITAL A D DC ELECTRICAL CHARACTERISTICS The q denotes the specifications which
apply over the full operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
The q denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)


Similar Part No. - LTC1297DCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297DCJ8 LINER-LTC1297DCJ8 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
More results

Similar Description - LTC1297DCJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1297 LINER-LTC1297_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292 Datasheet
466Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1292 LINER-LTC1292_15 Datasheet
322Kb / 24P
   Single Chip 12-Bit Data Acquisition Systems
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com